Electronic Components Datasheet Search
  English  ▼

X  

MAX5177BEEE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX5177BEEE
Description  Low-Power, Serial, 12-Bit DACs with Force/Sense Voltage Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5177BEEE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX5177BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5177BEEE Datasheet HTML 9Page - Maxim Integrated Products MAX5177BEEE Datasheet HTML 10Page - Maxim Integrated Products MAX5177BEEE Datasheet HTML 11Page - Maxim Integrated Products MAX5177BEEE Datasheet HTML 12Page - Maxim Integrated Products MAX5177BEEE Datasheet HTML 13Page - Maxim Integrated Products MAX5177BEEE Datasheet HTML 14Page - Maxim Integrated Products MAX5177BEEE Datasheet HTML 15Page - Maxim Integrated Products MAX5177BEEE Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Applications Information
Unipolar Output
Figure 6 shows the MAX5175/MAX5177 configured for
unipolar, rail-to-rail operation with a gain of +2V/V.
Table 2 lists the codes for unipolar output voltages. The
output voltage is limited to VDD.
Bipolar Output
Figure 7 shows the MAX5175/MAX5177 configured for
bipolar output operation. The output voltage is given by
the following equation (FB = OUT):
where N represents the numeric value of the DAC’s
binary input code and VREF is the voltage of the exter-
nal reference. Table 3 shows digital codes and the cor-
responding output voltage for Figure 7’s circuit.
Daisy-Chaining Devices
The serial data output pin (DOUT) allows multiple
MAX5175/MAX5177s to be daisy-chained together as
shown in Figure 8. The advantage of this is that only
two lines are needed to control all of the DACs on the
line. The disadvantage is that it takes
n commands to
program the DACs. Figure 9 shows several MAX5175/
MAX5177s sharing one common DIN signal line. In this
configuration the data bus is common to all devices;
however, more I/O lines are required because each
device needs a dedicated CS line. The advantage of
this configuration is that only one command is needed
to program any DAC.
V
V
2N
4096
1
OUT
REF
=−
Low-Power, Serial, 12-Bit DACs with
Force/Sense Voltage Output
______________________________________________________________________________________
13
Table 2. Unipolar Code Table (Circuit of
Figure 6)
11 1111 1111 11 (00)
2 · VREF (4095/4096)
10 0000 0000 01 (00)
2 · VREF (2049/4096)
01 1111 1111 11 (00)
10 0000 0000 00 (00)
2 · VREF (2047/4096)
2 · VREF (2048/4096)
00 0000 0000 00 (00)
00 0000 0000 01 (00)
0
2 · VREF (1/4096)
ANALOG OUTPUT
DAC CONTENTS
MSB
LSB
MAX5175
MAX5177
DAC
REF
OUT
10k
10k
GND
+5V/+3.3V
VDD
FB
Figure 6. Unipolar Output Circuit (Rail-to-Rail)
DAC
VOUT
V+
V-
+5V/+3.3V
R1 = R2 = 10k
Ω ± 0.1%
MAX5175
MAX5177
REF
10k
10k
FB
OUT
VDD
GND
Figure 7. Bipolar Output Circuit
Table 3. Bipolar Code Table (Circuit of
Figure 7)
11 1111 1111 11 (00)
ANALOG OUTPUT
+VREF [(2 · 4095/4096) - 1]
10 0000 0000 01 (00)
+VREF [(2 · 2049/4096) - 1]
01 1111 1111 11 (00)
10 0000 0000 00 (00)
+VREF [(2 · 2047/4096) - 1]
+VREF [(2 · 2048/4096) - 1]
DAC CONTENTS
MSB
LSB
00 0000 0000 00 (00)
00 0000 0000 01 (00)
-VREF
+VREF [(2 · 1/4096) - 1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com