Electronic Components Datasheet Search
  English  ▼

X  

MAX5177BEEE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5177BEEE
Description  Low-Power, Serial, 12-Bit DACs with Force/Sense Voltage Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5177BEEE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5177BEEE Datasheet HTML 3Page - Maxim Integrated Products MAX5177BEEE Datasheet HTML 4Page - Maxim Integrated Products MAX5177BEEE Datasheet HTML 5Page - Maxim Integrated Products MAX5177BEEE Datasheet HTML 6Page - Maxim Integrated Products MAX5177BEEE Datasheet HTML 7Page - Maxim Integrated Products MAX5177BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5177BEEE Datasheet HTML 9Page - Maxim Integrated Products MAX5177BEEE Datasheet HTML 10Page - Maxim Integrated Products MAX5177BEEE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Low-Power, Serial, 12-Bit DACs with
Force/Sense Voltage Output
_______________________________________________________________________________________
7
VOUT/VREF
(12.5dB/div)
20
0
100k
FFT PLOT
FREQUENCY (Hz)
VREF = 2.5 VDC + 1.414Vp-p at f = 10kHz
VOUT
(100mV/div)
VCS
(2V/div)
MAJOR-CARRY TRANSITION
MAX5175-11
V/SCLK
(5V/div)
400ns/div
VOUT
(2mV/div)
DIGITAL FEEDTHROUGH
MAX5175-12
AC-COUPLED
-25
-20
-10
-15
-5
0
0
1000
500
1500
2000
2500
3000
REFERENCE INPUT FREQUENCY RESPONSE
FREQUENCY (kHz)
VREF = 0.67Vp-p + 1.25VDC
252
256
254
260
258
266
264
262
268
-50
-10
-30
10
30
50
70
90
NO-LOAD SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
VOUT
(10mV/div)
VDD
(1V/div)
50ms/div
START-UP GLITCH
MAX5175-14
AC-COUPLED
230
240
235
250
245
260
255
265
275
270
280
2.5
2.7 2.8 2.9
2.6
3.0 3.1 3.2
3.4
3.3
3.5
NO-LOAD SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
0.44
0.48
0.46
0.52
0.50
0.58
0.56
0.54
0.60
-50
-10
-30
10
30
50
70
90
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
Typical Operating Characteristics (continued)
(MAX5175: VDD = +5V, VREF = 2.5V; MAX5177: VDD = +3V, VREF = 1.25V; CL = 100pF, FB = OUT, code = FFF hex, TA = +25°C,
unless otherwise noted.)
MAX5175
MAX5177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com