Electronic Components Datasheet Search
  English  ▼

X  

MAX520 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX520
Description  Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX520 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX520 Datasheet HTML 9Page - Maxim Integrated Products MAX520 Datasheet HTML 10Page - Maxim Integrated Products MAX520 Datasheet HTML 11Page - Maxim Integrated Products MAX520 Datasheet HTML 12Page - Maxim Integrated Products MAX520 Datasheet HTML 13Page - Maxim Integrated Products MAX520 Datasheet HTML 14Page - Maxim Integrated Products MAX520 Datasheet HTML 15Page - Maxim Integrated Products MAX520 Datasheet HTML 16Page - Maxim Integrated Products MAX520 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Quad/Octal, 2-Wire Serial 8-Bit DACs
with Rail-to-Rail Outputs
______________________________________________________________________________________
13
Setting the RST bit high clears all DAC input latches.
The DAC outputs remain unchanged until a STOP con-
dition is detected (Figure 10a). If a reset is issued, the
following output byte is ignored. Subsequent pairs of
command/output bytes overwrite the input latches
(Figure 10b).
All changes made during a transmission affect the
MAX520/MAX521’s outputs only when the transmission
ends and a STOP has been recognized. The R0, R1,
and R2 bits are reserved bits that must be set to zero.
I2C Compatibility
The MAX520/MAX521 are fully compatible with existing
I2C systems. SCL and SDA are high-impedance inputs;
SDA has an open drain which pulls the data line low
during the 9th clock pulse. Figure 11 shows a typical
I2C application.
Additional START Conditions
It is possible to interrupt a transmission to a MAX520/
MAX521 with a new START (repeated start) condition
(perhaps addressing another device), which leaves the
input latches with data that has not been transferred to
the output latches (Figure 12). Only the currently
addressed device will recognize a STOP condition and
transfer data to its output latches. If the device is left
with data in its input latches, the data can be trans-
ferred to the output latches the next time the device is
addressed, as long as it receives at least one com-
mand byte and a STOP condition.
(
)
(
)
(
)
SDA
0
START
CONDITION
ADDRESS BYTE
ACK
1
0
1
AD1 AD0 0
0
0 0010
0
(RST)
(RST)
STOP
CONDITION
COMMAND BYTE
ACK
ALL OUTPUTS
SET TO 0
(
)
ALL INPUT LATCHES
SET TO 0
ALL INPUT LATCHES
SET TO 0
SDA
0
START
CONDITION
ADDRESS BYTE
ACK
10
1
AD1 AD0 0
0 00010
0
0
STOP
CONDITION
COMMAND BYTE
ACK
"DUMMY"
OUTPUT BYTE
ACK
(a)
(b)
ALL DAC OUTPUTS SET TO 0 UNLESS
CHANGED BY ADDITIONAL COMMAND
BYTE/OUTPUT BYTE PAIRS
NOTE: X = DON'T CARE
ADDITIONAL
COMMAND BYTE/
OUTPUT BYTE PAIRS
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0 OR AD2
0 OR AD2
Figure 10. Resetting DAC Outputs
MAX520
SDA SCL
µC
SDA
SCL
E
2
PROM
XICOR
X24C04
SDA
SCL
AD1
AD2
AD0
QUAD
DAC
SDA
SCL
AD1
AD0
OCTAL
DAC
+5V
MAX521
Figure 11. Typical I2C Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com