Electronic Components Datasheet Search
  English  ▼

X  

MAX520 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX520
Description  Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX520 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX520 Datasheet HTML 3Page - Maxim Integrated Products MAX520 Datasheet HTML 4Page - Maxim Integrated Products MAX520 Datasheet HTML 5Page - Maxim Integrated Products MAX520 Datasheet HTML 6Page - Maxim Integrated Products MAX520 Datasheet HTML 7Page - Maxim Integrated Products MAX520 Datasheet HTML 8Page - Maxim Integrated Products MAX520 Datasheet HTML 9Page - Maxim Integrated Products MAX520 Datasheet HTML 10Page - Maxim Integrated Products MAX520 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Quad/Octal, 2-Wire Serial 8-Bit DACs
with Rail-to-Rail Outputs
_______________________________________________________________________________________
7
12
0
-60
-20
60
140
MAX521
SUPPLY CURRENT vs. TEMPERATURE
2
8
10
TEMPERATURE (°C)
20
100
6
4
VDD = 5.5V
ALL REF INPUTS = 0.6V
ALL DIGITAL INPUTS to VDD
ALL DAC CODES FF HEX
ALL DAC CODES 00 HEX
6
0
-60
-20
60
140
MAX521
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
1
4
5
TEMPERATURE (°C)
20
100
3
2
VDD = 5.5V
ALL REF INPUTS = 0.6V
ALL DIGITAL INPUTS to VDD
10
0
01
3
5
MAX521
SUPPLY CURRENT
vs. REFERENCE VOLTAGE
2
6
8
REFERENCE VOLTAGE (V)
24
4
ALL REFERENCE
INPUTS DRIVEN
ALL DAC CODES = FF HEX
ALL DAC CODES = 00 HEX
1.0
0
02
6
10
12
14
16
MAX521
DAC OUTPUT HIGH VOLTAGE
vs. OUTPUT SOURCE CURRENT
0.2
0.8
OUTPUT SOURCE CURRENT (mA)
48
0.6
0.4
VREF = 5V
DAC CODE = FF HEX
LOAD to AGND
VOUT = VREF x (255/256)
1.0
0
02
6
10
MAX521
DAC OUTPUT LOW VOLTAGE
vs. OUTPUT SINK CURRENT
0.2
0.8
OUTPUT SINK CURRENT (mA)
48
0.6
0.4
VREF = 5V
DAC CODE = 00 HEX
LOAD to VDD
0
1k
100k
10k
1M
10M
MAX521
REFERENCE VOLTAGE INPUT
FREQUENCY RESPONSE
-16
-18
FREQUENCY (Hz)
-14
-12
-10
-8
-6
-4
-2
2
VREF = SINE WAVE
CENTERED AT 2.5V
4Vp-p SINE
2Vp-p SINE
1Vp-p SINE
0.5Vp-p SINE
__________________________________________Typical Operating Characteristics
(VDD = 5V, DAC outputs unloaded, TA = +25°C, unless otherwise noted.)
OUT1 LOADED WITH 10k
Ω II 100pF, REF1 = 4V,
DAC CODE = 00 HEX to FF HEX
1
µs/div
MAX521
POSITIVE SETTLING TIME
OUT1
1V/div
OUT1 LOADED WITH 10k
Ω II 100pF, REF1 = 4V,
DAC CODE = FF HEX to 00 HEX
1
µs/div
MAX521
NEGATIVE SETTLING TIME
OUT1
1V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com