Electronic Components Datasheet Search
  English  ▼

X  

MAX520 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX520
Description  Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX520 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX520 Datasheet HTML 1Page - Maxim Integrated Products MAX520 Datasheet HTML 2Page - Maxim Integrated Products MAX520 Datasheet HTML 3Page - Maxim Integrated Products MAX520 Datasheet HTML 4Page - Maxim Integrated Products MAX520 Datasheet HTML 5Page - Maxim Integrated Products MAX520 Datasheet HTML 6Page - Maxim Integrated Products MAX520 Datasheet HTML 7Page - Maxim Integrated Products MAX520 Datasheet HTML 8Page - Maxim Integrated Products MAX520 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Quad/Octal, 2-Wire Serial 8-Bit DACs
with Rail-to-Rail Outputs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = 5V ±10%, VREF_ = 4V, RL = ∞ (MAX520), RL = 10kΩ (MAX521), CL = 0pF (MAX520), CL = 100pF (MAX521), TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to DGND ...........................................................-0.3V to +6V
VDD to AGND............................................................-0.3V to +6V
OUT_ ..........................................................-0.3V to (VDD + 0.3V)
REF_ ...........................................................-0.3V to (VDD + 0.3V)
AD0, AD1, AD2...........................................-0.3V to (VDD + 0.3V)
SCL, SDA to DGND ..................................................-0.3V to +6V
AGND to DGND.....................................................-0.3V to +0.3V
Maximum Current into Any Pin............................................50mA
Continuous Power Dissipation (TA = +70°C)
16-Pin Plastic DIP (derate 10.53mW/°C above +70°C)....842mW
20-Pin Plastic DIP (derate 11.11mW/°C above +70°C)....889mW
16-Pin Wide SO (derate 9.52mW/°C above +70°C) ......762mW
24-Pin Wide SO (derate 11.76mW/°C above +70°C) ....941mW
20-Pin SSOP (derate 8.00mW/°C above +70°C) .........640mW
24-Pin SSOP (derate 8.00mW/°C above +70°C) .........640mW
16-Pin CERDIP (derate 10.00mW/°C above +70°C)....800mW
20-Pin CERDIP (derate 11.11mW/°C above +70°C)....889mW
Operating Temperature Ranges
MAX520_C_ _/MAX521_C_ _ ..............................0°C to +70°C
MAX520_E_ _/MAX521_E_ _ ...........................-40°C to +85°C
MAX520_MJE/MAX521BMJP ........................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
CONDITIONS
Bits
8
Resolution
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
±1.5
±1
18
Guaranteed monotonic
8
LSB
±1.0
DNL
LSB
±2
TUE
Total Unadjusted Error
Differential Nonlinearity
Code = 00 hex
Code = 00 hex
µV/°C
±10
mV
Code = 00 hex
±1
Zero-Code-Error Supply Rejection
Zero-Code-Error Temperature Coefficient
Code = FF hex
mV
20
20
Full-Scale Error
8
mV
20
ZCE
20
Zero-Code Error
Code = FF hex, VDD = 5V ±10%
µV/°C
±10
mV
±1
Full-Scale-Error Supply Rejection
Full-Scale-Error Temperature Coefficient
MAX520_
MAX520_
MAX521B
MAX521A
MAX521_C
MAX521_E
MAX521BM
MAX520_
18
MAX521_C
MAX521_E
MAX521BM
STATIC ACCURACY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com