Electronic Components Datasheet Search
  English  ▼

X  

MAX5258EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5258EEE
Description  3V/5V, Low-Power, 8-Bit Octal DACs with Rail-to-Rail Output Buffers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5258EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5258EEE Datasheet HTML 1Page - Maxim Integrated Products MAX5258EEE Datasheet HTML 2Page - Maxim Integrated Products MAX5258EEE Datasheet HTML 3Page - Maxim Integrated Products MAX5258EEE Datasheet HTML 4Page - Maxim Integrated Products MAX5258EEE Datasheet HTML 5Page - Maxim Integrated Products MAX5258EEE Datasheet HTML 6Page - Maxim Integrated Products MAX5258EEE Datasheet HTML 7Page - Maxim Integrated Products MAX5258EEE Datasheet HTML 8Page - Maxim Integrated Products MAX5258EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
General Description
The MAX5258/MAX5259 are +3V/+5V single-supply,
digital serial-input, voltage-output, 8-bit octal digital-to-
analog converters (DACs). Internal precision buffers
swing Rail-to-Rail®, and the reference input range
extends from ground to the positive supply. The +5V
(MAX5258) and the +3V (MAX5259) feature a 10µA
(max) shutdown mode.
The serial interface is double-buffered. A 16-bit input
shift register is followed by eight 8-bit input registers
and eight 8-bit DAC registers. The 16-bit serial word
consists of two “don’t care” bits, three address bits,
three control bits, and eight data bits. The input and
DAC registers can both be updated independently or
simultaneously with a single software command. The
asynchronous control input (LDAC) provides simultane-
ous updating of all eight DAC registers.
The interface is compatible with SPI™, QSPI™ (CPOL =
CPHA = 0 or CPOL = CPHA = 1), and MICROWIRE™.
A buffered digital data output allows daisy-chaining of
serial devices.
The MAX5258/MAX5259 are available in a 16-pin QSOP
package.
________________________Applications
Digital Gain and Offset Adjustment
Programmable Attenuators
Programmable Current Sources
Portable Instruments
Features
o +2.7V to +5.5V Single-Supply Operation
o Low Supply Current: 1.3mA
o Low-Power Shutdown Mode
0.54mA (MAX5259)
0.80mA (MAX5258)
o ±1LSB DNL (max)
o ±1LSB INL (max)
o Ground to VDD Reference Input Range
o Output Buffer Amplifiers Swing Rail-to-Rail
o 10MHz Serial Interface, SPI, QSPI (CPOL = CPHA
= 0 or CPOL = CPHA = 1), and MICROWIRE-
Compatible
o Double-Buffered Registers for Synchronous
Updating
o Serial Data Output for Daisy-Chaining
o Ultra-Small 16-Pin QSOP Package
+3V/+5V, Low-Power, 8-Bit Octal DACs
with Rail-to-Rail Output Buffers
________________________________________________________________ Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
OUTB
OUTC
OUTD
DOUT
DIN
CS
SCLK
OUTH
OUTG
TOP VIEW
MAX5258
MAX5259
QSOP
OUTA
OUTE
OUTF
GND
VDD
REF
LDAC
Pin Configuration
19-1844; Rev 1; 4/01
Ordering Information
PART
TEMP. RANGE PIN-PACKAGE
SUPPLY
VOLTAGE
(V)
MAX5258EEE -40
oC to +85oC
16 QSOP
+5.0
MAX5259EEE -40
oC to +85oC
16 QSOP
+3.0
SPI and QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX5258EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5258EVKIT MAXIM-MAX5258EVKIT Datasheet
486Kb / 11P
MAX5258 Evaluation Kit
Rev 0; 9/08
More results

Similar Description - MAX5258EEE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1719 LINER-LT1719 Datasheet
217Kb / 16P
4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
logo
Maxim Integrated Produc...
MAX505 MAXIM-MAX505 Datasheet
554Kb / 16P
Quad 8-Bit DACs with Rail-to-Rail Voltage Outputs
Rev 2; 1/94
MAX509 MAXIM-MAX509 Datasheet
235Kb / 20P
Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 2; 1/96
MAX520 MAXIM-MAX520 Datasheet
274Kb / 20P
Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 3; 9/96
MAX533 MAXIM-MAX533 Datasheet
146Kb / 16P
2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 6/96
MAX534 MAXIM-MAX534 Datasheet
125Kb / 16P
5V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 8/96
MAX9140 MAXIM-MAX9140 Datasheet
326Kb / 12P
40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 0; 6/01
logo
Linear Technology
LT1719 LINER-LT1719_1 Datasheet
215Kb / 20P
4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
logo
Maxim Integrated Produc...
MAX5215 MAXIM-MAX5215 Datasheet
7Mb / 27P
14-/16-Bit, Low-Power, Buffered Output,Rail-to-Rail DACs with I2C Interface
Rev 0; 11/12
logo
Linear Technology
LT1719 LINER-LT1719_15 Datasheet
220Kb / 22P
4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com