Electronic Components Datasheet Search
  English  ▼

X  

MAX5258EEE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5258EEE
Description  3V/5V, Low-Power, 8-Bit Octal DACs with Rail-to-Rail Output Buffers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5258EEE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5258EEE Datasheet HTML 2Page - Maxim Integrated Products MAX5258EEE Datasheet HTML 3Page - Maxim Integrated Products MAX5258EEE Datasheet HTML 4Page - Maxim Integrated Products MAX5258EEE Datasheet HTML 5Page - Maxim Integrated Products MAX5258EEE Datasheet HTML 6Page - Maxim Integrated Products MAX5258EEE Datasheet HTML 7Page - Maxim Integrated Products MAX5258EEE Datasheet HTML 8Page - Maxim Integrated Products MAX5258EEE Datasheet HTML 9Page - Maxim Integrated Products MAX5258EEE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
+3V/+5V, Low-Power, 8-Bit Octal DAC
with Rail-to-Rail Output Buffers
6
_______________________________________________________________________________________
TIMING CHARACTERISTICS (MAX5259)
(VREF = +2.5V, GND = 0, CDOUT = 100pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VDD = +3V and
TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VDD Rise-to-CS Fall-Setup Time
tVDCS
5
µs
LDAC Pulse Width Low
tLDAC
40
20
ns
CS Rise-to-LDAC Fall-Setup Time
(Note 4)
tCLL
40
ns
CS Pulse Width High
tCSW
90
ns
SCLK Clock Frequency (Note 5)
fCLK
10
MHz
SCLK Pulse Width High
tCH
40
ns
SCLK Pulse Width Low
tCL
40
ns
CS Fall-to-SCLK Rise-Setup Time
tCSS
40
ns
SCLK Rise-to-CS Rise-Hold Time
tCSH
0ns
DIN to SCLK Rise-to-Setup Time
tDS
40
ns
DIN to SCLK Rise-to-Hold Time
tDH
0ns
SCLK Rise-to-DOUT Valid
Propagation Delay (Note 6)
tDO1
200
ns
SCLK Fall-to-DOUT Valid
Propagation Delay (Note 7)
tDO2
210
ns
CS Rise-to-SCLK Rise-Setup
Time
tCS1
40
ns
Note 1: INL and DNL are measured with RL referenced to ground. Nonlinearity is measured from the first code that is greater than or
equal to the maximum offset specification to code FF hex (full scale). (See DAC Linearity and Voltage Offset section.)
Note 2: Output settling time is measured from the 50% point of the rising edge of CS to 1/2LSB of the final value of VOUT.
Note 3: Guaranteed by design, not production tested.
Note 4: If LDAC is activated prior to the rising edge of CS, it must remain low for tLDAC or longer after CS goes high.
Note 5: When DOUT is not used. If DOUT is used, fCLK (max) is 4MHz due to SCLK to DOUT propagation delay.
Note 6: Serial data is clocked-out at SCLK’s rising edge (measured from 50% of the clock edge to 20% or 80% of VDD).
Note 7: Serial data is clocked-out at SCLK’s falling edge (measured from 50% of the clock edge to 20% or 80% of VDD).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com