Electronic Components Datasheet Search
  English  ▼

X  

MAX5258EEE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5258EEE
Description  3V/5V, Low-Power, 8-Bit Octal DACs with Rail-to-Rail Output Buffers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5258EEE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5258EEE Datasheet HTML 3Page - Maxim Integrated Products MAX5258EEE Datasheet HTML 4Page - Maxim Integrated Products MAX5258EEE Datasheet HTML 5Page - Maxim Integrated Products MAX5258EEE Datasheet HTML 6Page - Maxim Integrated Products MAX5258EEE Datasheet HTML 7Page - Maxim Integrated Products MAX5258EEE Datasheet HTML 8Page - Maxim Integrated Products MAX5258EEE Datasheet HTML 9Page - Maxim Integrated Products MAX5258EEE Datasheet HTML 10Page - Maxim Integrated Products MAX5258EEE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
+3V/+5V, Low-Power, 8-Bit Octal DAC
with Rail-to-Rail Output Buffers
_______________________________________________________________________________________
7
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
0
100
200
300
400
500
600
700
800
02
13
4
5
DAC ZERO-CODE OUTPUT VOLTAGE
vs. OUTPUT SINK CURRENT
DAC OUTPUT SINK CURRENT (mA)
VDD = +3V
0
0.25
0.50
0.75
1.00
1.25
1.50
02
1
3
45678
DAC ZERO-CODE OUTPUT VOLTAGE
vs. OUTPUT SINK CURRENT
DAC OUTPUT SINK CURRENT (mA)
VDD = +5V
1.0
1.5
2.5
2.0
3.0
3.5
02
3
1
45678
DAC FULL-SCALE OUTPUT VOLTAGE
vs. OUTPUT SOURCE CURRENT
DAC OUTPUT SOURCE CURRENT (mA)
VDD = +3V
2.0
2.5
3.5
3.0
4.5
5.0
4.0
5.5
02
3
1
45678
DAC FULL-SCALE OUTPUT VOLTAGE vs.
OUTPUT SOURCE CURRENT
DAC OUTPUT SOURCE CURRENT (mA)
VDD = +5V
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-40
10
-15
356085
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
ALL DAC CODES = OO HEX
ALL DAC CODES = FF HEX
VREF = +2.5V
VDD = +3.0V
0.4
0.8
0.6
1.2
1.0
1.6
1.4
1.8
-40
10
-15
35
60
85
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
ALL DAC CODES = FF HEX
ALL DAC CODES = OO HEX
VDD = +5.0V
VREF = +4.5V
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
-40
10
-15
356085
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
VDD = +3V
VREF = +2.5V
0.1
0.2
0.3
0.4
0.5
0.6
0.7
-40
10
-15
356085
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
VDD = +5V
VREF = +4.5V
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
01.0
0.5
1.5
2.0
2.5
3.0
SUPPLY CURRENT vs. REFERENCE
VOLTAGE (VDD = +3V)
REFERENCE VOLTAGE (V)
ALL DAC CODES = FF HEX
ALL DAC CODES = OO HEX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com