Electronic Components Datasheet Search
  English  ▼

X  

MAX5270 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5270
Description  Octal, 13-Bit Voltage-Output DAC with Parallel Interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5270 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5270 Datasheet HTML 1Page - Maxim Integrated Products MAX5270 Datasheet HTML 2Page - Maxim Integrated Products MAX5270 Datasheet HTML 3Page - Maxim Integrated Products MAX5270 Datasheet HTML 4Page - Maxim Integrated Products MAX5270 Datasheet HTML 5Page - Maxim Integrated Products MAX5270 Datasheet HTML 6Page - Maxim Integrated Products MAX5270 Datasheet HTML 7Page - Maxim Integrated Products MAX5270 Datasheet HTML 8Page - Maxim Integrated Products MAX5270 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Octal, 13-Bit Voltage-Output DAC
with Parallel Interface
4
_______________________________________________________________________________________
Note 1: Guaranteed by design. Not production tested.
Note 2: Guaranteed by design when 220
Ω resistor is in series with CL = 10,000pF.
Note 3: All digital inputs (D_, A_, WR, CS, LD, and CLR) at GND or VCC potential.
Note 4: All digital inputs (D_, A_, WR, CS, LD, and CLR) at +0.8V or +2.4V.
Note 5: All data inputs (D0 to D12) transition from GND to VCC, with WR = VCC.
Note 6: All digital inputs (D_, A_, WR, CS, LD, and CLR) at +0.8V or +2.4V.
DYNAMIC CHARACTERISTICS
(VDD = +12V, VSS = -12V, VCC = +5V, VGND = VDUTGND_ _ = 0, VREF_ _ _ _+ = +4.096V, VREF_ _ _ _- = 0, RL = 10M
Ω,
CL = 50pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
(Note 6)
(Note 5)
At ƒ = 1kHz
nV/s
3
To ±1/2LSB of full scale
nV/s
3
Digital Feedthrough
Digital Crosstalk
nV/
√Hz
120
dB
100
Channel-to-Channel Isolation
CONDITIONS
Output Noise Spectral Density
nV/s
120
Digital-to-Analog Glitch Impulse
nV/s
3
DAC-to-DAC Crosstalk
µs
22
Output Settling Time
V/µs
1
Output Slew-Rate
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Typical Operating Characteristics
(VDD = +12V, VSS = -12V, VCC = +5V, VGND = VDUTGND_ _ = 0, VREF_ _ _ _+ = +4.096V, VREF_ _ _ _- = 0, TA = +25°C, unless other-
wise noted.)
-0.4
-0.2
-0.3
0
-0.1
0.1
0.2
0.3
0.4
0
2048
4096
6144
8192
INTEGRAL NONLINEARITY
vs. DIGITAL CODE
DIGITAL CODE
-0.4
-0.2
-0.3
0
-0.1
0.1
0.2
0.3
0.4
0
2048
4096
6144
8192
DIFFERENTIAL NONLINEARITY
vs. DIGITAL CODE
DIGITAL CODE
0
0.1
0.2
0.3
0.4
INL AND DNL ERROR vs. TEMPERATURE
TEMPERATURE (
°C)
030
40
10
20
50
60
70
INL
DNL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com