Electronic Components Datasheet Search
  English  ▼

X  

MAX5270 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5270
Description  Octal, 13-Bit Voltage-Output DAC with Parallel Interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5270 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5270 Datasheet HTML 1Page - Maxim Integrated Products MAX5270 Datasheet HTML 2Page - Maxim Integrated Products MAX5270 Datasheet HTML 3Page - Maxim Integrated Products MAX5270 Datasheet HTML 4Page - Maxim Integrated Products MAX5270 Datasheet HTML 5Page - Maxim Integrated Products MAX5270 Datasheet HTML 6Page - Maxim Integrated Products MAX5270 Datasheet HTML 7Page - Maxim Integrated Products MAX5270 Datasheet HTML 8Page - Maxim Integrated Products MAX5270 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Octal, 13-Bit Voltage-Output DAC
with Parallel Interface
_______________________________________________________________________________________
5
1M
10M
-40
-35
-30
-25
-20
-10
-15
-5
0
5
1k
10k
100k
REFERENCE INPUT FREQUENCY RESPONSE
FREQUENCY (Hz)
REF_ _ _ _ _ = 200mVp-p
0
30
20
10
40
50
60
70
80
90
100
10
100
1000
10k
100k
SETTLING TIME vs. CAPACITIVE LOAD
CAPACITIVE LOAD (pF)
OUT
1V/div
D12
5V/div
5
µs/div
LARGE-SIGNAL STEP RESPONSE
OUT
1mV/div
LD
5
µs/div
POSITIVE SETTLING TIME
OUT
1mV/div
LD
5
µs/div
NEGATIVE SETTLING TIME
1000
100
10
100
1k
10k
NOISE VOLTAGE DENSITY
vs. FREQUENCY
FREQUENCY (Hz)
-0.20
-0.10
-0.15
0
-0.05
0.15
0.10
0.05
0.20
020
10
30
40
50
60
70
ZERO-SCALE AND FULL-SCALE ERROR
vs. TEMPERATURE
TEMPERATURE (
°C)
FULL SCALE
ZERO SCALE
8.2
8.4
8.6
8.8
9.0
9.2
9.4
9.6
9.8
10.0
10.2
10.4
025
70
IDD AND ISS
vs. TEMPERATURE (UNLOADED)
TEMPERATURE (
°C)
IDD
ISS
15
17
21
19
23
25
020
10
30
40
50
60
70
DIGITAL SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
Typical Operating Characteristics (continued)
(VDD = +12V, VSS = -12V, VCC = +5V, VGND = VDUTGND_ _ = 0, VREF_ _ _ _+ = +4.096V, VREF_ _ _ _- = 0, TA = +25°C, unless other-
wise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com