Electronic Components Datasheet Search
  English  ▼

X  

MAX5270 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5270
Description  Octal, 13-Bit Voltage-Output DAC with Parallel Interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5270 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5270 Datasheet HTML 2Page - Maxim Integrated Products MAX5270 Datasheet HTML 3Page - Maxim Integrated Products MAX5270 Datasheet HTML 4Page - Maxim Integrated Products MAX5270 Datasheet HTML 5Page - Maxim Integrated Products MAX5270 Datasheet HTML 6Page - Maxim Integrated Products MAX5270 Datasheet HTML 7Page - Maxim Integrated Products MAX5270 Datasheet HTML 8Page - Maxim Integrated Products MAX5270 Datasheet HTML 9Page - Maxim Integrated Products MAX5270 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Octal, 13-Bit Voltage-Output DAC
with Parallel Interface
6
_______________________________________________________________________________________
-0.3
-0.1
-0.2
0
0.1
0.2
0.3
0.4
0.5
04
26
8
10
INTEGRAL NONLINEARITY
(MAX, MIN) vs. VREF (VREF+ - VREF-)
VREF (V)
SEE TABLE 1
OUT
LD
5V/div
5mV/div
2
µs/div
MAJOR CARRY GLITCH IMPULSE
(0xFFFF–0x10000)
OUT
LD
2
µs/div
MAJOR CARRY GLITCH IMPULSE
(0x1000–0xFFF)
5V/div
5mV/div
-0.3
-0.1
-0.2
0
0.1
0.2
0.3
0.4
04
26
8
10
GAIN ERROR vs. VREF (VREF+ - VREF-)
VREF (V)
SEE TABLE 1
-0.25
-0.10
-0.15
-0.20
-0.05
0
0.05
0.10
0.15
0.20
0.25
04
26
8
10
DIFFERENTIAL NONLINEARITY
(MAX, MIN) vs. VREF (VREF+ - VREF-)
VREF (V)
SEE TABLE 1
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0
04
26
8
10
FULL-SCALE ERROR
vs. VREF (VREF+ - VREF-)
VREF (V)
SEE TABLE 1
-1.6
-1.2
-1.4
-1.0
-0.8
-0.6
-0.4
-0.2
0
04
26
8
10
ZERO-SCALE ERROR
vs. VREF (VREF+ - VREF-)
VREF (V)
SEE TABLE 1
Typical Operating Characteristics (continued)
(VDD = +12V, VSS = -12V, VCC = +5V, VGND = VDUTGND_ _ = 0, VREF_ _ _ _+ = +4.096V, VREF_ _ _ _- = 0, TA = +25°C, unless other-
wise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com