Electronic Components Datasheet Search
  English  ▼

X  

7260 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 7260
Description  i.LON짰 600 LONWORKS짰/IP Server
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7260 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  7260 Datasheet HTML 1Page - List of Unclassifed Manufacturers 7260 Datasheet HTML 2Page - List of Unclassifed Manufacturers 7260 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www .echelon.com
Copyright © 2002-2006, Echelon Corporation. Echelon, LON, LONWORKS, LONMARK, LonBuilder, NodeBuilder, LonManager, LonTalk, LonUsers, LonPoint, Digital Home, Neuron, 3120, 3150, LNS,
i.LON, LONWORLD, ShortStack,
Panoramix, LonMaker, the Echelon logo, and the LonUsers logo are trademarks of Echelon Corporation registered in the United States and other countries. LonLink, LonResponse, LonSupport, LONews, Open Systems Alliance,
OpenLDV, Powered by Echelon, LNS Powered by Echelon, Panoramix Powered by Echelon, LONWORKS Powered by Echelon, Networked Energy Services Powered by Echelon, NES Powered by Echelon, Digital Home Powered by
Echelon, Pyxos, and Thinking Inside the Box are trademarks of Echelon Corporation. Other trademarks belong to their respective holders.
Disclaimer
Neuron Chips, Free Topology Twisted Pair Transceiver Modules, and other OEM Products were not designed for use in equipment or systems which involve danger to human health or safety or a risk of property damage and Echelon
assumes no responsibility or liability for use of the Neuron Chips or Free Topology Twisted Pair Transceiver Modules in such applications. ECHELON MAKES AND YOU RECEIVE NO WARRANTIES OR CONDITIONS, EXPRESS,
IMPLIED, STATUTORY OR IN ANY COMMUNICATION WITH YOU, AND ECHELON SPECIFICALLY DISCLAIMS ANY IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE. 003-0379-01C
Operating Input Voltage
+24V AC or DC, ±33%, <15 Watts (Models 72603 & 72604)
90V - 240V AC or DC, 50-60 Hz (Models 72601 & 72602)
Power Connector
Screw Terminals
Controls (Switches)
Reset & Service switches
Indicators (LEDs)
Power On, Ethernet Link, Activity, 10/100 Mbps, LONWORKS Tx/Rx, Connect
Neuron Chip Service Pin Function
Service pin message controlled by console application or hardware service switch
Temperature
Operating
0° to +50° C
Non-operating
-40° to +85° C
Humidity (non-condensing)
Operating
10% to 90% RH @ 50°C
Non-operating
90% RH max @ 50°C
Enclosure
8TE DIN
Dimensions
8.9cm x 13.8cm, x 6.6cm HxWxD
(3.51” x 5.47” x 2.60” HxWxD)
EMC
FCC Part 15 Class B and EN55022 Class B, EN55024, CISPER 22 Class B, VCCI Class B
Agency Listing
UL 60950, cUL, C22.2 No. 60950-00, TÜV EN60950, CE, C-Tick
Documentation
The i.LON 600 LONWORKS/IP Server User’s Guide is provided in PDF format on the product CD or may be downloaded from
www.echelon.com/ilon. A printed version of the i.LON 600 LONWORKS/IP Server Quick Start Guide ships with each unit.
Document
Echelon Part Number
i.LON 600 LONWORKS/IP Server User’s Guide
078-0272-01
i.LON 600 LONWORKS/IP Server Quick Start Guide
005-0153-01
Ordering Information
Product
Echelon Model Number
i.LON 600 LONWORKS/IP Server, TP/FT-10 channel, 90V - 240V AC or DC
72601R
i.LON 600 LONWORKS/IP Server, TP/XF-1250 channel, 90V - 240V AC or DC
72602R
i.LON 600 LONWORKS/IP Server, TP/FT-10 channel, 24V AC or DC
72603R
i.LON 600 LONWORKS/IP Server, TP/XF-1250 channel, 24V AC or DC
72604R



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com