Electronic Components Datasheet Search
  English  ▼

X  

7260 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 7260
Description  i.LON짰 600 LONWORKS짰/IP Server
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7260 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  7260 Datasheet HTML 1Page - List of Unclassifed Manufacturers 7260 Datasheet HTML 2Page - List of Unclassifed Manufacturers 7260 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
i.LON®600LONWORKS®/IPServer
Models72601R,72602R,72603R,and72604R
Description
The i.LON 600 LONWORKS/IP Server is an EIA-852
compliant, LonTalk®-to-IP router that provides reliable,
secure Internet access to everyday devices like pumps, motors,
valves, sensors, actuators, and lights. Offering unparalleled
packet throughput, rugged construction, and simple commis-
sioning, the i.LON 600 is ideal for demanding process
control, building automation, utility, transportation, and
telecommunications applications. U.L and cU.L. Listed, TÜV
certified, and FCC, RoHS, and CE Mark compliant, the i.LON
600 server meets worldwide regulatory agency requirements.
The i.LON 600 LONWORKS/IP Server transforms the
Internet—or any 10 or 100 BaseT IP-based LAN or WAN—
into a pathway for carrying LONWORKS control information
locally or remotely. Secure access is ensured by the use of
MD5 authentication, while a 32-bit RISC processor and
Echelon’s LONWORKS/IP architecture provide best-of-class
performance for high-speed control, display, and monitoring
applications.
Up to 256 i.LON 600 servers may be used on the same
channel, and multiple servers can operate behind a Network
Address Translation (NAT) firewall. The i.LON 600
LONWORKS/IP Server is backward compatible with the i.LON
1000 Internet Server, and both i.LON 600 LONWORKS/IP
Servers and i.LON 1000 Internet Servers can co-exist in the
same network. This feature ensures that existing applications
can be fully supported while providing an expansion pathway
to accommodate adds, moves, and changes.
Both TP/FT-10 and TP/XF-1250 LONWORKS channel
options are available. The free topology TP/FT-10 channel
provides the greatest wiring flexibility. The TP/XF-1250
channel is most commonly used for high performance industri-
al controls and high-speed backbone channels, and provides
high throughput for applications with a large number of
devices.
The i.LON 600 server includes an LNS Remote Network
Interface (RNI) that can be used to create a local or remote
network connection for LNS or OpenLDV applications includ-
ing the LonMaker Integration Tool. A single LNS application
can simultaneously manage, monitor, and control many remote
LONWORKS networks by installing an i.LON 600 server in
each remote network.
Model 65202R is compliant with the European Directive
2002/95/EC on the restriction of the use of certain hazardous
substances (RoHS) in electrical and electronic equipment.
M
Transforms the Internet (or any IP-based LAN or WAN)
into a pathway for carrying LONWORKS control informa-
tion locally, nationally, or around the world
M
Provides highest performance Layer 3 routing of
LONWORKS control packets
M
Supports LONWORKS/IP channels up to 256 devices
M
Supports multiple units behind NAT firewalls
M
EIA-852 & ANSI/EIA 709.1 compliant
M
Security features include MD5 authentication for secure
access
M
8T DIN packaging
M
24V AC or DC or 90V-240V AC or DC power input
options
M
CE Mark, U.L. Listed, cU.L. Listed, TÜV Certified,
RoHS


Similar Part No. - 7260

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7260 GILWAY-7260 Datasheet
143Kb / 2P
T-1 Subminiature Lamps
logo
Keystone Electronics Co...
7260 KEYSTONE-7260 Datasheet
472Kb / 1P
COMPUTER HARDWARE
31-07 20th
logo
Clarke International
7260050 CLARKE-7260050 Datasheet
1Mb / 8P
SUBMERSIBLE TRANSFER PUMP
DL1125 - ISS 5
logo
Integrated Device Techn...
72605L20J IDT-72605L20J Datasheet
322Kb / 17P
CMOS SyncBiFIFOTM
logo
Renesas Technology Corp
72605L20J RENESAS-72605L20J Datasheet
490Kb / 18P
CMOS SyncBiFIFOTM
FEBRUARY 2009
More results

Similar Description - 7260

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B051-000 ETC2-B051-000 Datasheet
491Kb / 5P
Server Remote Control, External KVM over IP
logo
THOR communications
QAM-IP THOR-QAM-IP Datasheet
680Kb / 1P
Integrated Encoder / Modulator / IP Server
logo
List of Unclassifed Man...
CM2002 ETC1-CM2002 Datasheet
1Mb / 10P
One-Camera IP Video Server
logo
BELIMO AIRCONTROLS (USA...
NMX24-LON BELIMO-NMX24-LON Datasheet
345Kb / 2P
LonWorks짰, Non-Spring Return Actuator, 24 V
logo
Prosoft-Technology
MVI56E-MNET PROSOFT-MVI56E-MNET Datasheet
365Kb / 3P
Modbus TCP/IP Client/Server Enhanced Communication Module for ControlLogix
MVI56E-MNETC PROSOFT-MVI56E-MNETC Datasheet
551Kb / 3P
Modbus TCP/IP Enhanced Communications Module Client/Server
MVI56E-MNETR PROSOFT-MVI56E-MNETR Datasheet
351Kb / 3P
Modbus TCP/IP Client/Server Enhanced Communication Module with Reduced Data Block
MVI46-DFNT PROSOFT-MVI46-DFNT Datasheet
96Kb / 2P
EtherNet/IP Client/Server Communication Module
logo
WAGO Kontakttechnik Gmb...
750-319 WAGO-750-319 Datasheet
527Kb / 12P
Fieldbus Coupler LonWorks짰
logo
NHP Electrical Engineer...
MVI69E-MBTCP NHP-MVI69E-MBTCP Datasheet
680Kb / 1P
PROSOFT COMPACTLOGIX INRAX MODBUS TCP/IP CLI/SERVER ENHANCED
12 May 2023,
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com