Electronic Components Datasheet Search
  English  ▼

X  

MAX533BEEE Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX533BEEE
Description  2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX533BEEE Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX533BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX533BEEE Datasheet HTML 9Page - Maxim Integrated Products MAX533BEEE Datasheet HTML 10Page - Maxim Integrated Products MAX533BEEE Datasheet HTML 11Page - Maxim Integrated Products MAX533BEEE Datasheet HTML 12Page - Maxim Integrated Products MAX533BEEE Datasheet HTML 13Page - Maxim Integrated Products MAX533BEEE Datasheet HTML 14Page - Maxim Integrated Products MAX533BEEE Datasheet HTML 15Page - Maxim Integrated Products MAX533BEEE Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Power Sequencing
The voltage applied to REF should not exceed VDD at
any time. If proper power sequencing is not possible,
connect an external Schottky diode between REF and
VDD to ensure compliance with the absolute maximum
ratings. Do not apply signals to the digital inputs before
the device is fully powered up.
Power-Supply Bypassing
and Ground Management
Connect AGND and DGND together at the IC. This
ground should then return to the highest-quality ground
available. Bypass VDD with a 0.1µF capacitor, located
as close to VDD and DGND as possible.
Careful PC board layout minimizes crosstalk among
DAC outputs and digital inputs. Figure 10 shows sug-
gested circuit board layout to minimize crosstalk.
Unipolar-Output,
Two-Quadrant Multiplication
In unipolar operation, the output voltages and the refer-
ence input are the same polarity. Figure 11 shows the
MAX533 unipolar configuration, and Table 2 shows the
unipolar code.
2.7V, Low-Power, 8-Bit Quad DAC
with Rail-to-Rail Output Buffers
14
______________________________________________________________________________________
Table 2. Unipolar Code Table
1
Note: 1LSB = (VREF) (2-8) = +VREF (––––)
256
1
+VREF (––––)
256
0 0 0 1
0 0 0 0
0V
0 0 0 0
0 0 0 0
127
+VREF (––––)
256
1 1 1 1
0 1 1 1
128
VREF
+VREF (––––) = + ––––
256
2
0 0 0 0
1 0 0 0
129
+VREF (––––)
256
0 0 0 1
1 0 0 0
255
+VREF (––––)
256
1 1 1 1
1 1 1 1
ANALOG
OUTPUT
LSB
MSB
DAC CONTENTS
DAC CODE
0V
NEGATIVE
OFFSET
OUTPUT
VOLTAGE
Figure 9. Effect of Negative Offset (Single Supply)
R1
R0
REF
D7
D5
D6
D4
R15
R16
R255
LSB DECODER
D2
D3
DAC A
D1
D0
Figure 8. DAC Simplified Circuit Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com