Electronic Components Datasheet Search
  English  ▼

X  

MAX533BEEE Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX533BEEE
Description  2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX533BEEE Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX533BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX533BEEE Datasheet HTML 9Page - Maxim Integrated Products MAX533BEEE Datasheet HTML 10Page - Maxim Integrated Products MAX533BEEE Datasheet HTML 11Page - Maxim Integrated Products MAX533BEEE Datasheet HTML 12Page - Maxim Integrated Products MAX533BEEE Datasheet HTML 13Page - Maxim Integrated Products MAX533BEEE Datasheet HTML 14Page - Maxim Integrated Products MAX533BEEE Datasheet HTML 15Page - Maxim Integrated Products MAX533BEEE Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
2.7V, Low-Power, 8-Bit Quad DAC
with Rail-to-Rail Output Buffers
______________________________________________________________________________________
15
_________________________________________________________Functional Diagram
MAX533
OUTA
DAC A
DAC B
DAC C
DAC D
REF
DAC
REGISTER A
DECODE
CONTROL
INPUT
REGISTER A
DAC
REGISTER B
INPUT
REGISTER B
DAC
REGISTER C
INPUT
REGISTER C
DAC
REGISTER D
INPUT
REGISTER D
12-BIT
SHIFT
REGISTER
SR
CONTROL
CS
DIN
SCLK
OUTB
OUTC
OUTD
DOUT
LDAC
CLR
VDD
PDE
DGND
AGND
UPO
OUTC
OUTD
AGND
OUTB
OUTA
REF
SYSTEM GND
Figure 10. Suggested PC Board Layout for Minimizing
Crosstalk (Bottom View)
DAC A
DAC B
DAC C
DAC D
REFAB
MAX533
OUTA
OUTB
OUTC
OUTD
SERIAL
INTERFACE
NOT SHOWN
REFERENCE INPUT
2
1
16
15
VDD
+3V
313
14
12
AGND
DGND
Figure 11. Unipolar Output Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com