Electronic Components Datasheet Search
  English  ▼

X  

S1172 Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S1172
Description  HIGH RIPPLE-REJECTION LOW DROPOUT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1172 Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S1172 Datasheet HTML 1Page - Seiko Instruments Inc S1172 Datasheet HTML 2Page - Seiko Instruments Inc S1172 Datasheet HTML 3Page - Seiko Instruments Inc S1172 Datasheet HTML 4Page - Seiko Instruments Inc S1172 Datasheet HTML 5Page - Seiko Instruments Inc S1172 Datasheet HTML 6Page - Seiko Instruments Inc S1172 Datasheet HTML 7Page - Seiko Instruments Inc S1172 Datasheet HTML 8Page - Seiko Instruments Inc S1172 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.2_01
S-1172 Series
Seiko Instruments Inc.
3
Product Name Structure
Users can select the product type, output voltage, and package type for the S-1172 Series. Refer to “1. Product
name” regarding the contents of product name, “2. Packages” regarding the package drawings and “3. Product
name list” regarding details of product name.
1. Product name
S-1172 x xx - xxxx x
Environmental code
U: Lead-free (Sn 100%), halogen-free
G: Lead-free (for details, please contact our sales office)
Package abbreviation and packing specifications
*1
U5T1: SOT-89-5, Tape
E6T1: HSOP-6, Tape
Output voltage
*2
10 to 50
(e.g., when the output voltage is 1.0 V, it is expressed as 10.)
Product type
*3
A: ON/OFF pin negative logic
B: ON/OFF pin positive logic
*1. Refer to the tape drawing.
*2. If you request the product which has 0.05 step, contact our sales office.
*3. Refer to “3. ON/OFF pin” in “ Operation”.
2. Packages
Package Name
Drawing Code
Package
Tape
Reel
Land
SOT-89-5
UP005-A-P-SD
UP005-A-C-SD
UP005-A-R-SD
⎯
HSOP-6
Environmental code = G
FH006-A-P-SD
FH006-A-C-SD
FH006-A-R-SD
FH006-A-L-SD
Environmental code = U
FH006-A-P-SD
FH006-A-C-SD
FH006-A-R-S1
FH006-A-L-SD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com