Electronic Components Datasheet Search
  English  ▼

X  

S1172 Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S1172
Description  HIGH RIPPLE-REJECTION LOW DROPOUT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1172 Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S1172 Datasheet HTML 1Page - Seiko Instruments Inc S1172 Datasheet HTML 2Page - Seiko Instruments Inc S1172 Datasheet HTML 3Page - Seiko Instruments Inc S1172 Datasheet HTML 4Page - Seiko Instruments Inc S1172 Datasheet HTML 5Page - Seiko Instruments Inc S1172 Datasheet HTML 6Page - Seiko Instruments Inc S1172 Datasheet HTML 7Page - Seiko Instruments Inc S1172 Datasheet HTML 8Page - Seiko Instruments Inc S1172 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.2_01
S-1172 Series
Seiko Instruments Inc.
5
Pin Configurations
5
4
1
3
2
SOT-89-5
Top view
Table 2
Pin No.
Symbol
Description
1
ON/OFF
ON/OFF pin
2
VSS
GND pin
3
NC
*1
No connection
4
VIN
Input voltage pin
5
VOUT
Output voltage pin
*1. The NC pin is electrically open.
The NC pin can be connected to the VIN pin or the VSS pin.
Figure 2
HSOP-6
Top view
4
5
6
3
2
1
Table 3
Pin No.
Symbol
Description
1
VOUT
Output voltage pin
2
VSS
GND pin
3
ON/OFF
ON/OFF pin
4
NC
*1
No connection
5
VSS
GND pin
6
VIN
Input voltage pin
*1. The NC pin is electrically open.
The NC pin can be connected to the VIN pin or the VSS pin.
Figure 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com