Electronic Components Datasheet Search
  English  ▼

X  

S1172 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S1172
Description  HIGH RIPPLE-REJECTION LOW DROPOUT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1172 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S1172 Datasheet HTML 1Page - Seiko Instruments Inc S1172 Datasheet HTML 2Page - Seiko Instruments Inc S1172 Datasheet HTML 3Page - Seiko Instruments Inc S1172 Datasheet HTML 4Page - Seiko Instruments Inc S1172 Datasheet HTML 5Page - Seiko Instruments Inc S1172 Datasheet HTML 6Page - Seiko Instruments Inc S1172 Datasheet HTML 7Page - Seiko Instruments Inc S1172 Datasheet HTML 8Page - Seiko Instruments Inc S1172 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
S-1172 Series
www.sii-ic.com
HIGH RIPPLE-REJECTION LOW DROPOUT
HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
© Seiko Instruments Inc., 2007-2015
Rev.2.2_01
Seiko Instruments Inc.
1
The S-1172 Series, developed by using CMOS technology, is a positive voltage regulator with a super low dropout voltage,
high-accuracy output voltage and low current consumption.
The S-1172 Series provides the very low dropout voltage and the large output current due to the built-in transistor with low
on-resistance. The S-1172 Series includes an overcurrent protection circuit that prevents the load current from exceeding
the current capacitance of the output transistor, a thermal shutdown circuit that prevents damage due to overheating, and
an inrush current limit circuit to limit the excessive inrush current generated at power-on.
The ON/OFF circuit ensures longer battery life. Compared with the voltage regulators using the conventional CMOS
technology, a large variety of capacitors are available, including small ceramic capacitors.
High heat radiation HSOP-6 and small SOT-89-5 packages realize high-density mounting.
Features
• Output voltage:
1.0 V to 5.0 V, selectable in 0.05 V step
• Input voltage:
1.5 V to 5.5 V
• Output voltage accuracy:
±1.0% (1.0 V to 1.45 V output product: ±15 mV)
• Dropout voltage:
70 mV typ. (3.0 V output product, IOUT = 300 mA)
• Current consumption:
During operation: 70
μA typ., 90 μA max. (3.0 V output product)
During power-off: 0.1
μA typ., 1.0 μA max.
• Output current:
Possible to output 1000 mA (3.0 V output product, VIN
≥ VOUT(S) + 1.0 V)
*1
• Input and output capacitors:
A ceramic capacitor of 4.7
μF or more can be used.
• Ripple rejection:
70 dB typ. (1.0 V output product, f = 1.0 kHz)
• Built-in overcurrent protection circuit:
Limits overcurrent of output transistor.
• Built-in thermal shutdown circuit:
Prevents damage caused by heat.
• Built-in inrush current limit circuit:
Limits excessive inrush current at power-on.
• Built-in ON/OFF circuit:
Ensures Long battery life.
• Operation temperature range:
Ta =
−40°C to +85°C
• Lead-free, Sn 100%, halogen-free
*2
*1. Attention should be paid to the power dissipation of the package when the output current is large.
*2. Refer to “ Product Name Structure” for details.
Applications
• Constant-voltage power supply for battery-powered device
• Constant-voltage power supply for TV, notebook PC and home electric appliance
• Constant-voltage power supply for portable equipment
Packages
• SOT-89-5
• HSOP-6


Similar Part No. - S1172

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S1170 SII-S1170 Datasheet
685Kb / 30P
HIGH RIPPLE-REJECTION AND LOW DROPOUT
More results

Similar Description - S1172

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1111 SII-S-1111 Datasheet
290Kb / 25P
HIGH RIPPLE-REJECTION LOW DROPOUT
SL2980 SII-SL2980 Datasheet
367Kb / 23P
HIGH RIPPLE-REJECTION AND LOW DROPOUT
S1701 SII-S1701 Datasheet
935Kb / 71P
HIGH RIPPLE-REJECTION LOW DROPOUT
S1170 SII-S1170 Datasheet
685Kb / 30P
HIGH RIPPLE-REJECTION AND LOW DROPOUT
S1165 SII-S1165 Datasheet
397Kb / 23P
HIGH RIPPLE-REJECTION LOW DROPOUT
S1155 SII-S1155 Datasheet
486Kb / 28P
HIGH RIPPLE-REJECTION LOW DROPOUT
S1135 SII-S1135 Datasheet
924Kb / 48P
HIGH RIPPLE-REJECTION LOW DROPOUT
S1132 SII-S1132 Datasheet
573Kb / 35P
HIGH RIPPLE-REJECTION AND LOW DROPOUT
S1112 SII-S1112 Datasheet
664Kb / 30P
HIGH RIPPLE-REJECTION AND LOW DROPOUT
S13A1 SII-S13A1 Datasheet
1Mb / 75P
HIGH RIPPLE-REJECTION LOW DROPOUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com