Electronic Components Datasheet Search
  English  ▼

X  

S1165 Datasheet(PDF) 19 Page - Seiko Instruments Inc

Part # S1165
Description  HIGH RIPPLE-REJECTION LOW DROPOUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1165 Datasheet(HTML) 19 Page - Seiko Instruments Inc

Back Button S1165 Datasheet HTML 15Page - Seiko Instruments Inc S1165 Datasheet HTML 16Page - Seiko Instruments Inc S1165 Datasheet HTML 17Page - Seiko Instruments Inc S1165 Datasheet HTML 18Page - Seiko Instruments Inc S1165 Datasheet HTML 19Page - Seiko Instruments Inc S1165 Datasheet HTML 20Page - Seiko Instruments Inc S1165 Datasheet HTML 21Page - Seiko Instruments Inc S1165 Datasheet HTML 22Page - Seiko Instruments Inc S1165 Datasheet HTML 23Page - Seiko Instruments Inc  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.1_00
S-1165 Series
Seiko Instruments Inc.
19
Reference Data
(1) Input transient response characteristics
IOUT
= 30 mA, tr = tf = 5.0 μs, COUT = 2.2 μF, CIN = 0 μF
IOUT
= 30 mA, tr = tf = 5.0 μs, COUT = 4.7 μF, CIN = 0 μF
-10
0
10
20
30
40
50
60
70
80
90
VIN
VOUT
-10
0
10
20
30
40
50
60
70
80
90
VIN
VOUT
t [
μs]
t [
μs]
(2) Load transient response characteristics
VIN
= 4.0 V, COUT = 2.2 μF, CIN = 1.0 μF,
IOUT
= 50 mA ↔100 mA
VIN
= 4.0 V, COUT = 4.7 μF, CIN = 1.0 μF,
IOUT
= 50 mA ↔100 mA
-2
02468
10
12
14
16
18
VOUT
IOUT
-2
02468
10
12
14
16
18
IOUT
VOUT
t [
μs]
t [
μs]
(3) ON/OFF pin transient response characteristics
S-1165B15 (Ta
= 25°C)
S-1165B30 (Ta
= 25°C)
VIN
= 2.5 V, COUT = 2.2 μF, CIN = 1.0 μF
VIN
= 4.0 V, COUT = 2.2 μF, CIN = 1.0 μF
-10
0
10
20
30
40
50
60
70
80
90
VON/OFF
VOUT
-10
0
10
20
30
40
50
60
70
80
90
VON/OFF
VOUT
t [
μs]
t [
μs]
S-1165B50 (Ta
= 25°C)
VIN
= 6.0 V, COUT = 2.2 μF, CIN = 1.0 μF
-10
0
10
20
30
40
50
60
70
80
90
VON/OFF
VOUT
t [
μs]
3.1
3.08
3.06
3.04
3.02
3
2.98
6
5
4
3
2
1
0
3.1
3.08
3.06
3.04
3.02
3
2.98
6
5
4
3
2
1
0
3.4
3.3
3.2
3.1
3
2.9
2.8
150
100
50
0
-50
-100
-150
3.4
3.3
3.2
3.1
3
2.9
2.8
150
100
50
0
-50
-100
-150
2.5
2
1.5
1
0.5
0
-0.5
3
2
1
0
-1
-2
-3
5
4
3
2
1
0
-1
6
4
2
0
-2
-4
-6
7
6
5
4
3
2
1
0
-1
8
6
4
2
0
-2
-4
-6
-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com