Electronic Components Datasheet Search
  English  ▼

X  

S1165 Datasheet(PDF) 16 Page - Seiko Instruments Inc

Part # S1165
Description  HIGH RIPPLE-REJECTION LOW DROPOUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1165 Datasheet(HTML) 16 Page - Seiko Instruments Inc

Back Button S1165 Datasheet HTML 12Page - Seiko Instruments Inc S1165 Datasheet HTML 13Page - Seiko Instruments Inc S1165 Datasheet HTML 14Page - Seiko Instruments Inc S1165 Datasheet HTML 15Page - Seiko Instruments Inc S1165 Datasheet HTML 16Page - Seiko Instruments Inc S1165 Datasheet HTML 17Page - Seiko Instruments Inc S1165 Datasheet HTML 18Page - Seiko Instruments Inc S1165 Datasheet HTML 19Page - Seiko Instruments Inc S1165 Datasheet HTML 20Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1165 Series
Rev.4.1_00
Seiko Instruments Inc.
16
(3) Dropout voltage vs. Output current
S-1165B15
S-1165B30
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0
50
100
150
200
250
25°C
−40°C
85°C
IOUT [mA]
IOUT [mA]
S-1165B50
IOUT [mA]
(4) Dropout voltage vs. Set output voltage
VOUT(S) [V]
0.2
0.18
0.16
0.14
0.12
0.1
0.08
0.06
0.04
0.02
0
0
50
100
150
200
250
−40°C
25
°C
85
°C
0.16
0.14
0.12
0.1
0.08
0.06
0.04
0.02
0
0
50
100
150
200
250
25
°C
−40°C
85
°C
300
250
200
150
100
50
0
0
1
2
3
4
5
6
7
200 mA
120 mA
50 mA
30 mA
10 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com