Electronic Components Datasheet Search
  English  ▼

X  

S1165 Datasheet(PDF) 17 Page - Seiko Instruments Inc

Part # S1165
Description  HIGH RIPPLE-REJECTION LOW DROPOUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1165 Datasheet(HTML) 17 Page - Seiko Instruments Inc

Back Button S1165 Datasheet HTML 13Page - Seiko Instruments Inc S1165 Datasheet HTML 14Page - Seiko Instruments Inc S1165 Datasheet HTML 15Page - Seiko Instruments Inc S1165 Datasheet HTML 16Page - Seiko Instruments Inc S1165 Datasheet HTML 17Page - Seiko Instruments Inc S1165 Datasheet HTML 18Page - Seiko Instruments Inc S1165 Datasheet HTML 19Page - Seiko Instruments Inc S1165 Datasheet HTML 20Page - Seiko Instruments Inc S1165 Datasheet HTML 21Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.1_00
S-1165 Series
Seiko Instruments Inc.
17
(5) Output voltage vs. Ambient temperature
S-1165B15
S-1165B30
Ta [
°C]
Ta [
°C]
S-1165B50
5.1
5.08
5.06
5.04
5.02
5
4.98
4.96
4.94
4.92
4.9
-40 -20
0
20
40
60
80
100
Ta [
°C]
(6) Current consumption vs. Input voltage
S-1165B15
S-1165B30
VIN [V]
VIN [V]
S-1165B50
VIN [V]
-40
-20
0
20
40
60
80
100
3.1
3.05
3
2.95
2.9
40
-40
-20
0
20
40
60
80
100
1.6
1.55
1.5
1.45
1.4
40
35
30
25
20
15
10
5
0
02
4
6
8
85
°C
−40°C
25
°C
−40°C
35
30
25
20
15
10
5
0
0
24
6
8
85°C
25°C
02
4
6
8
40
35
30
25
20
15
10
5
0
−40°C
85
°C
25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com