Electronic Components Datasheet Search
  English  ▼

X  

MAX547 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX547
Description  Octal, 13-Bit Voltage-Output DAC with Parallel Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX547 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX547 Datasheet HTML 1Page - Maxim Integrated Products MAX547 Datasheet HTML 2Page - Maxim Integrated Products MAX547 Datasheet HTML 3Page - Maxim Integrated Products MAX547 Datasheet HTML 4Page - Maxim Integrated Products MAX547 Datasheet HTML 5Page - Maxim Integrated Products MAX547 Datasheet HTML 6Page - Maxim Integrated Products MAX547 Datasheet HTML 7Page - Maxim Integrated Products MAX547 Datasheet HTML 8Page - Maxim Integrated Products MAX547 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Octal, 13-Bit Voltage-Output
DAC with Parallel Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +5V, VSS = -5V, REF_ = 4.096V, AGND_ = GND = 0V, RL = 10kΩ, CL = 50pF, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress rat-
ings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of
the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ..............................................................-0.3V to +6V
VSS to GND...............................................................-6V to +0.3V
Digital Input Voltage to GND ......................-0.3V to (VDD + 0.3V)
REF_ ..........................................(AGND_ - 0.3V) to (VDD + 0.3V)
AGND_ .............................................(VSS - 0.3V) to (VDD + 0.3V)
VOUT_ ........................................................................VDD to VSS
Maximum Current into REF_ Pin .......................................±10mA
Maximum Current into Any Other Signal Pin ....................±50mA
Continuous Power Dissipation (TA = +70°C)
PLCC (derate 13.33mW/°C above +70°C) ...................1067mW
Plastic FP (derate 11.11mW/°C above +70°C )..............889mW
Operating Temperature Ranges
MAX547–C–H.........................................................0°C to +70°C
MAX547–E–H......................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
CONDITIONS
nV-s
5
Digital Crosstalk
nV-s
5
Digital Feedthrough
µs
5
Output Settling Time
V/µs
3
Voltage-Output Slew Rate
k
Ω
5
RREF
Reference Input Resistance
V
AGND–
VDD
REF
Reference Input Range
%/%
±0.0025
PSRR
Power-Supply Rejection Ratio
±0.0025
Bits
13
N
Resolution
LSB
Bipolar Zero-Code Error
±5
±20
±0.5
±2
LSB
±0.5
±4
INL
Relative Accuracy
LSB
±1
DNL
Differential Nonlinearity
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
To ±1⁄2 LSB of full scale (Note 4)
Each REF– pin (Note 3)
(Notes 2, 3)
MAX547A
MAX547B
∆Gain/∆VSS (Note 1)
Guaranteed monotonic
∆Gain/∆VDD (Note 1)
LSB
0.3
Load Regulation
RL = ∞ to 10kΩ
LSB
Gain Error
±1
±8
STATIC PERFORMANCE—ANALOG SECTION
V
VSS + 0.5
Minimum Output Voltage
V
VDD - 0.5
Maximum Output Voltage
pF
10
CIN
Input Capacitance
µA
1.0
IIN
Input Current
V
0.8
VIL
Input Voltage Low
V
2.4
VIH
Input Voltage High
(Note 5)
VIN = 0V or VDD
ANALOG OUTPUT
REFERENCE INPUT (Note 2)
DYNAMIC PERFORMANCE—ANALOG SECTION
DIGITAL INPUTS (VDD = 5V ±5%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com