Electronic Components Datasheet Search
  English  ▼

X  

MAX547 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX547
Description  Octal, 13-Bit Voltage-Output DAC with Parallel Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX547 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX547 Datasheet HTML 3Page - Maxim Integrated Products MAX547 Datasheet HTML 4Page - Maxim Integrated Products MAX547 Datasheet HTML 5Page - Maxim Integrated Products MAX547 Datasheet HTML 6Page - Maxim Integrated Products MAX547 Datasheet HTML 7Page - Maxim Integrated Products MAX547 Datasheet HTML 8Page - Maxim Integrated Products MAX547 Datasheet HTML 9Page - Maxim Integrated Products MAX547 Datasheet HTML 10Page - Maxim Integrated Products MAX547 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Analog Ground for DAC E and DAC F
_______________Detailed Description
Analog Section
The MAX547 contains eight 13-bit, voltage-output
DACs. These DACs are “inverted” R-2R ladder net-
works that convert 13-bit digital inputs into equivalent
analog output voltages, in proportion to the applied ref-
erence voltages. The MAX547 has one reference input
(REF_) and one analog-ground input (AGND_) for each
pair of DACs. The four REF_ inputs allow different full-
scale output voltages for each DAC pair, and the four
AGND_ inputs allow different offset voltages for each
DAC pair.
The DAC ladder outputs are buffered with op amps that
operate with a gain of two. The inverting node of the
amplifier is connected to the respective reference
input, resulting in bipolar output voltages from -REF_ to
4095/4096 REF_. Figure 1 shows the simplified DAC
circuit.
Octal, 13-Bit Voltage-Output
DAC with Parallel Interface
_______________________________________________________________________________________
7
_________________________________________________Pin Description (continued)
FLAT
PACK
PLCC
NAME
FUNCTION
36
REFGH
Reference Voltage Input for DAC G and DAC H. Bypass to AGNDGH with a 0.1µF to 1µF capacitor.
30
16
A2
Address Bit 2
38
VOUTH
DAC H Output Voltage
33
–
L
—
D
—
G
—
H
–
Load Input (active low). Driving this asynchronous input low transfers the contents of input latches
G and H to the respective DAC latches.
32
35
AGNDGH
Analog Ground for DAC G and DAC H
34
GND
Digital Ground
PIN
10
27
29
28
41
VOUTE
DAC E Output Voltage
35
39
VOUTG
DAC G Output Voltage
33
40
VOUTF
DAC F Output Voltage
34
44
AGNDEF
38
Figure 1. DAC Simplified Circuit Diagram
2R
2R
R
D0
D10
D11
D12
RR
RR
OUT
REF–
AGND–
2R
2R
2R
VDAC
43
REFEF
Reference Voltage Input for DAC E and DAC F. Bypass to AGNDEF with a 0.1µF to 1µF capaci-
37
32
–
L
—
D
—
E
—
F
–
Load Input (active low). Driving this asynchronous input low transfers the contents of input latches
E and F to the respective DAC latches.
26
17
A1
Address Bit 1
11
18
A0
Address Bit 0
19–31
D12–D0
Data Bits 12–0
13–25
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com