Electronic Components Datasheet Search
  English  ▼

X  

MAX547 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX547
Description  Octal, 13-Bit Voltage-Output DAC with Parallel Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX547 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX547 Datasheet HTML 2Page - Maxim Integrated Products MAX547 Datasheet HTML 3Page - Maxim Integrated Products MAX547 Datasheet HTML 4Page - Maxim Integrated Products MAX547 Datasheet HTML 5Page - Maxim Integrated Products MAX547 Datasheet HTML 6Page - Maxim Integrated Products MAX547 Datasheet HTML 7Page - Maxim Integrated Products MAX547 Datasheet HTML 8Page - Maxim Integrated Products MAX547 Datasheet HTML 9Page - Maxim Integrated Products MAX547 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Octal, 13-Bit Voltage-Output
DAC with Parallel Interface
6
_______________________________________________________________________________________
PLCC
NAME
1
–
C
—
L
—
R
–
Clear Input (active low). Driving this asynchronous input low sets the content of all latches to
1000hex. All DAC outputs are reset to AGND_.
3
REFCD
Reference Voltage Input for DAC C and DAC D. Bypass to AGNDCD with a 0.1µF to 1µF capacitor.
2
AGNDCD
Analog Ground for DAC C and DAC D
7
VOUTB
DAC B Output Voltage
6
VOUTC
DAC C Output Voltage
5
VOUTD
DAC D Output Voltage
4, 42
VSS
Negative Power Supply, -5V (2 pins). Connect both pins to the supply voltage. Bypass each pin
to the system analog ground with a 0.1µF to 1µF capacitor.
FLAT
PACK
PIN
39
41
40
1
44
43
42, 36
FUNCTION
8
VOUTA
DAC A Output Voltage
2
9, 37
VDD
Positive Power Supply, 5V (2 pins). Connect both pins to the supply voltage. Bypass each pin to
the system analog ground with a 0.1µF to 1µF capacitor.
3, 31
10
REFAB
Reference Voltage Input for DAC A and DAC B. Bypass to AGNDAB with a 0.1µF to 1µF capacitor.
4
11
AGNDAB
Analog Ground for DAC A and DAC B
5
12
–
L
—
D
—
A
—
B
–
Load Input (active low). Driving this asynchronous input low transfers the contents of input latches
A and B to the respective DAC latches.
6
13
–
L
—
D
—
C
—
D
–
Load Input (active low). Driving this asynchronous input low transfers the contents of input latches
C and D to the respective DAC latches.
7
14
–
C
—
S
–
Chip Select (active low)
8
15
–
W
—
R
–
Write Input (active low).
–
W
—
R
–
, along with
–
C
—
S
–
, loads data into the DAC input latch selected by A0–A2.
9
ADJACENT-CHANNEL CROSSTALK
A: DIGITAL INPUTS, DAC A, DATA BITS from ALL Os to OAAAhex
B: OUTPUT, DAC B
500ns/div
REF– = 4.096V, CL = 50pF, RL = 10kΩ
A
5V/div
B
5mV/div
ADJACENT-CHANNEL CROSSTALK
A: DIGITAL INPUTS, DAC A, DATA BITS from OAAAhex to ALL Os
B: OUTPUT, DAC B
500ns/div
REF– = 4.096V, CL = 50pF, RL = 10kΩ
A:
5V/div
B:
5mV/div
______________________________________________________________Pin Description
____________________________Typical Operating Characteristics (continued)
(VDD = 5V, VSS = -5V, REF_ = 4.096V, AGND_ = GND = 0V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com