Electronic Components Datasheet Search
  English  ▼

X  

US1702 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # US1702
Description  HIGH PERFORMANCE CURRENT MODE POWER SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US1702 Datasheet(HTML) 3 Page - Unisonic Technologies

  US1702 Datasheet HTML 1Page - Unisonic Technologies US1702 Datasheet HTML 2Page - Unisonic Technologies US1702 Datasheet HTML 3Page - Unisonic Technologies US1702 Datasheet HTML 4Page - Unisonic Technologies US1702 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
US1702
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R911-020.c
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Switching Drain Source Voltage
VDS(SW)
700
V
Supply Voltage
VCC
30
V
Feedback Current
IFB
3
mA
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-40 ~ +125
°C
Storage Temperature
TSTG
-50 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
OPERATING RANGE
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
8.6 ~ 22
V
ELECTRICAL CHARACTERISTICS (TA=25°C, VCC=15V, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY SECTION
Start Up Charge Current
ICH
VDS=100V, VCC=0~VCCON
1
mA
Start Up Current
IST
VCC = VCCON-0.2V
6
45
μA
Supply Current with switch
IOP
IFB=0.5mA, ID=50mA
2
6.5
mA
UNDER-VOLTAGE LOCKOUT SECTION
Start Threshold Voltage
VCCON
13.5
15
16.5
V
Min. Operating Voltage
VCCOFF
8
9
10
V
INTERNAL VOLTAGE REFERENCE
CONTROL SECTION
IFB to ID Current Gain
GFB-D
560
Feedback Source Shutdown Current
IFBSD
900
μA
FB Pin Input Impedance
RFB
1200
Ω
Burst-Mode Out FB Voltage
VFB(OUT)
0.94
V
Burst-Mode Enter FB Voltage
VFB(IN)
1.05
V
Normal initial Switching frequency
F(SW)
54
60
66
kHz
Frequency Deviation VS VCC
FDV
VCC=10 to 22V
5
%
Frequency Deviation VS Temperature
FDT
TA =-40 to 105°C
5
%
PROTECTION SECTION
OVP threshold
VOVP
23
V
OTP threshold
T(THR)
130
150
170
°C
CURRENT LIMITING SECTION
Peak Current Limitation
ILIM
VFB=0V
0.56
0.7
0.84
A
Minmum Turn On Time
tON(MIN)
680
nS
POWER MOSFET SECTION
Drain-Source Breakdown Voltage
VDSS
VFB=2V, ID=250μA
700
V
Turn-on voltage between gate and source
VTH
VDS=VGS, ID=250μA
2
4
V
Off State Drain Current
IDSS
VDS=500V, VFB=2V
100
uA
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V,ID=0.4A
5
Ω
Rise Time
tR
VDD =300V, ID =4.0A
RG=25Ω (Note 1, 2)
45
100
ns
Fall Time
tF
35
80
ns
Drain Capacitance
COSS
VDS=25V
40
pF
Notes: 1. Pulse Test: Pulse width≤300μs, Duty cycle≤2%
2. Essentially independent of operating temperature



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com