Electronic Components Datasheet Search
  English  ▼

X  

US1702 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # US1702
Description  HIGH PERFORMANCE CURRENT MODE POWER SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US1702 Datasheet(HTML) 5 Page - Unisonic Technologies

  US1702 Datasheet HTML 1Page - Unisonic Technologies US1702 Datasheet HTML 2Page - Unisonic Technologies US1702 Datasheet HTML 3Page - Unisonic Technologies US1702 Datasheet HTML 4Page - Unisonic Technologies US1702 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
US1702
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R911-020.c
TYPICAL APPLICATION CIRCUIT
5V/1.6A
GND
C12
C5
L2
R7
C9
D3
C4
10
YC1
7
1
4
3
1
2
IC3
IC2
R9
R8
R12
5
D1
R1
C8
C2
L1
2
3
1
4
C1
BD1
B6S
F1
LINE
NEUT
C11
R11
R10
UTC
US1702
C6
R5
IC1
C3
D2
2
3
T1
Fig. 3 UTC US1702 Typical Application Circuit
Table1. Components reference description for UTC US1702 application circuit
DESIGNATOR
PART TYPE
DESIGNATOR
PART TYPE
DESIGNATOR
PART TYPE
C1
10μF/400V
R1
100KΩ
D1
FR107
C2
10μF/400V
R5
6.8KΩ
D2
RS1D
C3
10μF/50V
R7
30Ω
D3
SR39
C4
470μF/16V
R8
2.2KΩ
IC1
US1702
C5
220μF/16V
R9
510Ω
IC2
PC-817
C6
103pF
R10
5.1KΩ
IC3
TL431
C8
102pF/1KV
R11
5.1KΩ
YC1
102pF/400V
C9
102pF/100V
R12
15KΩ
T1
EE-19
C11
103pF
L1
1mH
C12
103pF
L2
2μH
F1
1A/250V
BD1
B6S
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com