Electronic Components Datasheet Search
  English  ▼

X  

US1702 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # US1702
Description  HIGH PERFORMANCE CURRENT MODE POWER SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US1702 Datasheet(HTML) 1 Page - Unisonic Technologies

  US1702 Datasheet HTML 1Page - Unisonic Technologies US1702 Datasheet HTML 2Page - Unisonic Technologies US1702 Datasheet HTML 3Page - Unisonic Technologies US1702 Datasheet HTML 4Page - Unisonic Technologies US1702 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
US1702
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R911-020.c
HIGH PERFORMANCE
CURRENT MODE POWER
SWITCH
DESCRIPTION
The UTC US1702 is an integrated PWM controller and Power
MOSFET specifically designed for current mode operation with
minimal external components. The UTC US1702 is designed to
provide several special enhancements to satisfy the needs, for
example, Power-Saving mode for low standby power (<0.3W),
Frequency Hopping , Constant Output Power Limiting , Over
Current Protection (OCP), Over Voltage Protection (OVP), Under
Voltage Lock Out (UVLO), and Over Temperature Protection
(OTP) etc. IC will be shutdown or can auto-restart in certain
situations.
FEATURE
* Internal High Voltage Start-up Circuit
* Internal 700V Power MOSFET
* Lower than 0.3W Standby Power Design
* Gate Output Maximum Voltage Clamp(15V)
* Over temperature protection
* Over voltage protection
* Leading edge blanking
* Cycle-by-Cycle current limiting
* Under Voltage Lock Out
DIP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
US1702L-D08-T
US1702G-D08-T
DIP-8
Tube
MARKING


Similar Part No. - US1702

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US1702G-D08-T UTC-US1702G-D08-T Datasheet
238Kb / 5P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
US1702L-D08-T UTC-US1702L-D08-T Datasheet
238Kb / 5P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
US1702 UTC-US1702_15 Datasheet
238Kb / 5P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
More results

Similar Description - US1702

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPS702 UTC-UPS702 Datasheet
529Kb / 12P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS703 UTC-UPS703 Datasheet
560Kb / 12P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS601 UTC-UPS601_15 Datasheet
605Kb / 12P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS602 UTC-UPS602_15 Datasheet
582Kb / 12P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS703 UTC-UPS703_15 Datasheet
560Kb / 12P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS3652 UTC-UPS3652_15 Datasheet
432Kb / 9P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UCS1651S UTC-UCS1651S Datasheet
288Kb / 8P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UCS1704S UTC-UCS1704S Datasheet
301Kb / 10P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UCS17005S UTC-UCS17005S Datasheet
300Kb / 10P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
US1602 UTC-US1602 Datasheet
369Kb / 10P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com