Electronic Components Datasheet Search
  English  ▼

X  

S1142C Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S1142C
Description  HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1142C Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S1142C Datasheet HTML 17Page - Seiko Instruments Inc S1142C Datasheet HTML 18Page - Seiko Instruments Inc S1142C Datasheet HTML 19Page - Seiko Instruments Inc S1142C Datasheet HTML 20Page - Seiko Instruments Inc S1142C Datasheet HTML 21Page - Seiko Instruments Inc S1142C Datasheet HTML 22Page - Seiko Instruments Inc S1142C Datasheet HTML 23Page - Seiko Instruments Inc S1142C Datasheet HTML 24Page - Seiko Instruments Inc S1142C Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.2_00
S-1142C/D Series
Seiko Instruments Inc.
21
7. Current consumption during operation vs. Input voltage (When ON / OFF pin is ON, no load)
7. 1 VOUT = 2.0 V
7. 2 VOUT = 5.0 V
5
1015202530
0
16
14
12
10
8
6
4
2
0
VIN [V]
25C
40C
Tj =
125C
VIN [V]
5
1015202530
0
16
14
12
10
8
6
4
2
0
VIN [V]
25C
40C
Tj =
125C
7. 3 VOUT = 12.0 V
5
1015202530
0
16
14
12
10
8
6
4
2
0
VIN [V]
25C
40C
Tj =
125C
8. Current consumption during operation vs. Temperature
8. 1 VOUT = 2.0 V
VIN = 3.0 V
8. 2 VOUT = 5.0 V
VIN = 6.0 V
6.0
2.5
5.5
5.0
4.5
4.0
3.5
3.0
40 25
0
25
50
75
100 125
Tj [
C]
6.0
2.5
5.5
5.0
4.5
4.0
3.5
3.0
40 25
0
25
50
75
100 125
Tj [
C]
8. 3 VOUT = 12.0 V
VIN = 13.0 V
6.0
2.5
5.5
5.0
4.5
4.0
3.5
3.0
40 25
0
25
50
75
100 125
Tj [
C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com