Electronic Components Datasheet Search
  English  ▼

X  

S1142C Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S1142C
Description  HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1142C Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S1142C Datasheet HTML 9Page - Seiko Instruments Inc S1142C Datasheet HTML 10Page - Seiko Instruments Inc S1142C Datasheet HTML 11Page - Seiko Instruments Inc S1142C Datasheet HTML 12Page - Seiko Instruments Inc S1142C Datasheet HTML 13Page - Seiko Instruments Inc S1142C Datasheet HTML 14Page - Seiko Instruments Inc S1142C Datasheet HTML 15Page - Seiko Instruments Inc S1142C Datasheet HTML 16Page - Seiko Instruments Inc S1142C Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.2_00
S-1142C/D Series
Seiko Instruments Inc.
13
Operation
1. Basic operation
Figure 11 shows the block diagram of the S-1142C/D Series.
The error amplifier compares the reference voltage (Vref) with feedback voltage (Vfb), which is the output voltage
resistance-divided by feedback resistors (Rs and Rf). It supplies the gate voltage necessary to maintain the
constant output voltage which is not influenced by the input voltage and temperature change, to the output
transistor.
VOUT
*1
VSS
VIN
Rs
Rf
Error amplifier
Current
supply
Vref
Vfb
−
+
Reference voltage
circuit
*1. Parasitic diode
Figure 11
2. Output transistor
In the S-1142C/D Series, a low on-resistance P-channel MOS FET is used as the output transistor.
Be sure that VOUT does not exceed VIN
+ 0.3 V to prevent the voltage regulator from being damaged due to
reverse current flowing from the VOUT pin through a parasitic diode to the VIN pin, when the potential of VOUT
became higher than VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com