Electronic Components Datasheet Search
  English  ▼

X  

TMP461 Datasheet(PDF) 22 Page - Texas Instruments

Part # TMP461
Description  TMP461 High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP461 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMP461_15 Datasheet HTML 18Page - Texas Instruments TMP461_15 Datasheet HTML 19Page - Texas Instruments TMP461_15 Datasheet HTML 20Page - Texas Instruments TMP461_15 Datasheet HTML 21Page - Texas Instruments TMP461_15 Datasheet HTML 22Page - Texas Instruments TMP461_15 Datasheet HTML 23Page - Texas Instruments TMP461_15 Datasheet HTML 24Page - Texas Instruments TMP461_15 Datasheet HTML 25Page - Texas Instruments TMP461_15 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
ADJUST
eff
1.008
2088
N
2088

§
·
u

¨
¸
©
¹
eff
ADJUST
1.008
2088

2088
N
§
·
u
¨
¸

©
¹
=
V
V
BE2
BE1
-
hkT
q
ln
I
2
I
1
TMP461
SBOS722A – JUNE 2015 – REVISED JULY 2015
www.ti.com
8.6.1.9
η-Factor Correction Register
The TMP461 device allows for a different
η-factor value to be used for converting remote channel measurements
to temperature. The remote channel uses sequential current excitation to extract a differential VBE voltage
measurement to determine the temperature of the remote transistor. Equation 1 shows this voltage and
temperature.
(1)
The value
η in Equation 1 is a characteristic of the particular transistor used for the remote channel. The power-
on reset value for the TMP461 device is
η = 1.008. The value in the η-factor correction register can be used to
adjust the effective
η-factor according to Equation 2 and Equation 3.
(2)
(3)
The
η-factor correction value must be stored in twos complement format, yielding an effective data range from
–128 to 127. The
η-factor correction value is written to and read from pointer address 23h. The register power-on
reset value is 00h, thus having no effect unless a different value is written to it. The resolution of the
η-factor
register is 0.000483.
Table 9.
η-Factor Range
NADJUST
BINARY
HEX
DECIMAL
η
0111 1111
7F
127
0.950205
0000 1010
0A
10
1.003195
0000 1000
08
8
1.004153
0000 0110
06
6
1.005112
0000 0100
04
4
1.006073
0000 0010
02
2
1.007035
0000 0001
01
1
1.007517
0000 0000
00
0
1.008
1111 1111
FF
–1
1.008483
1111 1110
FE
–2
1.008966
1111 1100
FC
–4
1.009935
1111 1010
FA
–6
1.010905
1111 1000
F8
–8
1.011877
1111 0110
F6
–10
1.012851
1000 0000
80
–128
1.073829
8.6.1.10 Remote Temperature Offset Register
The offset register allows the TMP461 device to store any system offset compensation value that may result from
precision calibration. The value in the register is stored in the same format as the temperature result, and is
added to the remote temperature result upon every conversion. Combined with the
η-factor correction, this
function allows for very accurate system calibration over the entire temperature range.
8.6.1.11 Manufacturer Identification Register
The TMP461 device allows for the two-wire bus controller to query the device for manufacturer and device IDs to
enable software identification of the device at the particular two-wire bus address. The manufacturer ID is
obtained by reading from pointer address FEh. The TMP461 device reads 55h for the manufacturer code.
22
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TMP461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com