Electronic Components Datasheet Search
  English  ▼

X  

TMP461 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMP461
Description  TMP461 High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP461 Datasheet(HTML) 3 Page - Texas Instruments

  TMP461_15 Datasheet HTML 1Page - Texas Instruments TMP461_15 Datasheet HTML 2Page - Texas Instruments TMP461_15 Datasheet HTML 3Page - Texas Instruments TMP461_15 Datasheet HTML 4Page - Texas Instruments TMP461_15 Datasheet HTML 5Page - Texas Instruments TMP461_15 Datasheet HTML 6Page - Texas Instruments TMP461_15 Datasheet HTML 7Page - Texas Instruments TMP461_15 Datasheet HTML 8Page - Texas Instruments TMP461_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
D+
D-
SCL
SDA
THERM
GND
V+
ALERT/THERM2
1
2
3
4
9
8
7
6
10
5
A1
A0
TMP461
www.ti.com
SBOS722A – JUNE 2015 – REVISED JULY 2015
6 Pin Configuration and Functions
RUN Package
10-Pin WQFN
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
A0
5
Digital input
Address select. Connect to GND, V+, or leave floating.
A1
10
Digital input
Address select. Connect to GND, V+, or leave floating.
Interrupt or SMBus alert output. Can be configured as a second THERM output.
ALERT/THERM2
7
Digital output
Open-drain; requires a pullup resistor to a voltage between 1.7 V and 3.6 V.
D–
3
Analog input
Negative connection to remote temperature sensor
D+
2
Analog input
Positive connection to remote temperature sensor
GND
6
Ground
Supply ground connection
Serial clock line for SMBus.
SCL
9
Digital input
Input; requires a pullup resistor to a voltage between 1.7 V and 3.6 V if driven by an open-drain output.
Bidirectional digital
SDA
8
Serial data line for SMBus. Open-drain; requires a pullup resistor to a voltage between 1.7 V and 3.6 V.
input-output
Thermal shutdown or fan-control pin.
THERM
4
Digital output
Open-drain; requires a pullup resistor to a voltage between 1.7 V and 3.6 V.
V+
1
Power supply
Positive supply voltage, 1.7 V to 3.6 V
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TMP461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com