Electronic Components Datasheet Search
  English  ▼

X  

TMP461 Datasheet(PDF) 23 Page - Texas Instruments

Part # TMP461
Description  TMP461 High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP461 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMP461_15 Datasheet HTML 19Page - Texas Instruments TMP461_15 Datasheet HTML 20Page - Texas Instruments TMP461_15 Datasheet HTML 21Page - Texas Instruments TMP461_15 Datasheet HTML 22Page - Texas Instruments TMP461_15 Datasheet HTML 23Page - Texas Instruments TMP461_15 Datasheet HTML 24Page - Texas Instruments TMP461_15 Datasheet HTML 25Page - Texas Instruments TMP461_15 Datasheet HTML 26Page - Texas Instruments TMP461_15 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
TMP461
D+
D-
SCL
SDA
THERM
GND
V+
ALERT /
THERM2
SMBus
Controller
1
2
3
4
6
9
8
7
1.7V to 3.6V
Over-Temperature Shutdown
10
5
A1
A0
RS
(2)
RS
(2)
RS
(2)
RS
(2)
CDIFF
(3)
CDIFF
(3)
Transistor-connected configuration
(1)
Diode-connected configuration
(1)
Series Resistance
0.1µF
10k
(typ)
10k
(typ)
10k
(typ)
10k
(typ)
TMP461
www.ti.com
SBOS722A – JUNE 2015 – REVISED JULY 2015
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The TMP461 device requires only a transistor connected between the D+ and D– pins for remote temperature
measurement. Tie the D+ pin to GND if the remote channel is not used and only the local temperature is
measured. The SDA, ALERT, and THERM pins (and SCL, if driven by an open-drain output) require pullup
resistors as part of the communication bus. A 0.1-µF power-supply decoupling capacitor is recommended for
local bypassing. Figure 18 and Figure 19 illustrate the typical configurations for the TMP461 device.
9.2 Typical Application
(1)
The diode-connected configuration provides better settling time. The transistor-connected configuration provides
better series resistance cancellation.
(2)
RS (optional) is < 1 kΩ in most applications. RS is the combined series resistance connected externally to the D+, D-
pins. RS selection depends on the application; see the Filtering section.
(3)
CDIFF (optional) is < 1000 pF in most applications. CDIFF selection depends on the application; see the Filtering
section and Figure 6 (Remote Temperature Error vs Differential Capacitance).
Figure 18. TMP461 Basic Connections Using a Discrete Remote Transistor
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: TMP461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com