Electronic Components Datasheet Search
  English  ▼

X  

MAX548AC/D Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX548AC/D
Description  2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in 關MAX Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX548AC/D Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX548AC/D Datasheet HTML 8Page - Maxim Integrated Products MAX548AC/D Datasheet HTML 9Page - Maxim Integrated Products MAX548AC/D Datasheet HTML 10Page - Maxim Integrated Products MAX548AC/D Datasheet HTML 11Page - Maxim Integrated Products MAX548AC/D Datasheet HTML 12Page - Maxim Integrated Products MAX548AC/D Datasheet HTML 13Page - Maxim Integrated Products MAX548AC/D Datasheet HTML 14Page - Maxim Integrated Products MAX548AC/D Datasheet HTML 15Page - Maxim Integrated Products MAX548AC/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
+2.5V to +5.5V, Low-Power, Single/Dual,
8-Bit Voltage-Output DACs in µMAX Package
14
______________________________________________________________________________________
TRANSISTOR COUNT: 1562
_________________________________________________________Functional Diagram
_Ordering Information (continued)
___________________Chip Information
DAC A
INPUT
REGISTER
DAC A
REGISTER
DAC A
R-2R LADDER
SCLK
DIN
OUTA
OUTB
REF
MAX549A/
MAX550A
ONLY
VDD
MAX548A
ONLY
MAX548A/
MAX549A
ONLY
INPUT
SHIFT
REGISTER
AND
CONTROL
8
VDD
CS
MAX548A
MAX549A
MAX550A
GND
LDAC
MAX548A/
MAX550A
ONLY
DAC B
INPUT
REGISTER
DAC B
REGISTER
DAC B
R-2R LADDER
8
8
8
8
8
PART
MAX549ACPA
MAX549ACUA
MAX549AC/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
8 Plastic DIP
8 µMAX
Dice*
MAX549AEPA
MAX549AEUA
-40°C to +85°C
-40°C to +85°C
8 Plastic DIP
8 µMAX
MAX550ACPA
MAX550ACUA
MAX550AC/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
8 Plastic DIP
8 µMAX
Dice*
MAX550AEPA
MAX550AEUA
-40°C to +85°C
-40°C to +85°C
8 Plastic DIP
8 µMAX
*
Dice are specified at TA = +25°C, DC parameters only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com