Electronic Components Datasheet Search
  English  ▼

X  

S25C080A Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S25C080A
Description  105C OPERATION
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S25C080A Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S25C080A Datasheet HTML 5Page - Seiko Instruments Inc S25C080A Datasheet HTML 6Page - Seiko Instruments Inc S25C080A Datasheet HTML 7Page - Seiko Instruments Inc S25C080A Datasheet HTML 8Page - Seiko Instruments Inc S25C080A Datasheet HTML 9Page - Seiko Instruments Inc S25C080A Datasheet HTML 10Page - Seiko Instruments Inc S25C080A Datasheet HTML 11Page - Seiko Instruments Inc S25C080A Datasheet HTML 12Page - Seiko Instruments Inc S25C080A Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
Rev.2.3_00_C
S-25C080A H Series
Seiko Instruments Inc.
9
Pin Function
1. CS (Chip select input) pin
This is an input pin to set a chip in the select status. In the “H” input level, the device is in the non-select status and its
output is high impedance. The device is in standby as long as it is not in Write inside. The device goes in active by
setting the chip select to “L”. Input any instruction code after power-on and a falling of chip select.
2. SI (Serial data input) pin
This pin is to input serial data. This pin receives an instruction code, an address and Write data. This pin latches data
at rising edge of serial clock.
3. SO (Serial data output) pin
This pin is to output serial data. The data output changes at falling edge of serial clock.
4. SCK (Serial clock input) pin
This is a clock input pin to set the timing of serial data. An instruction code, an address and Write data are received at
a rising edge of clock. Data is output at falling edge of clock.
5. WP (Write protect input) pin
Write protect is purposed to protect the area size against the Write instruction (BP1, BP0 in the status register). Fix
this pin “H” or “L” not to set it in the floating state.
Refer to “ Protect Operation” for details.
6.
HOLD (HOLD input) pin
This pin is used to pause serial communications without setting the device in the non-select status.
In the hold status, the serial output goes in high impedance, the serial input and the serial clock go in “Don’t care”.
During the hold operation, be sure to set the device in active by setting the chip select ( CS pin) to “L”.
Refer to “ Hold Operation” for details.
Initial Delivery State
Initial delivery state of all addresses is “FFh”.
Moreover, initial delivery state of the status register nonvolatile memory is as follows.
• SRWD = 0
• BP1 = 0
• BP0 = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com