Electronic Components Datasheet Search
  English  ▼

X  

S25C080A Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S25C080A
Description  105C OPERATION
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S25C080A Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S25C080A Datasheet HTML 7Page - Seiko Instruments Inc S25C080A Datasheet HTML 8Page - Seiko Instruments Inc S25C080A Datasheet HTML 9Page - Seiko Instruments Inc S25C080A Datasheet HTML 10Page - Seiko Instruments Inc S25C080A Datasheet HTML 11Page - Seiko Instruments Inc S25C080A Datasheet HTML 12Page - Seiko Instruments Inc S25C080A Datasheet HTML 13Page - Seiko Instruments Inc S25C080A Datasheet HTML 14Page - Seiko Instruments Inc S25C080A Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
Rev.2.3_00_C
S-25C080A H Series
Seiko Instruments Inc.
11
Operation
1. Status register
The status register’s organization is below. The status register can Write and Read by a specific instruction.
SRWD
0
b7
b6
0
b5
0
b4
BP1
b3
BP0
b2
WEL
b1
WIP
b0
Status Register Write Disable
Block Protect
Write Enable Latch
Write In Progress
Figure 9 Organization of Status Register
The status/control bits of the status register are as follows.
1. 1 SRWD (b7) : Status register write disable
Bit SRWD operates in conjunction with the Write protect signal ( WP ). With a combination of bit SRWD and signal
WP
(SRWD = “1”, WP = “L”), this device goes in Hardware Protect status. In this case, the bits composed of the
nonvolatile bit in the status register (SRWD, BP1, BP0) go in Read Only, so that the WRSR instruction is not be
performed.
1. 2 BP1, BP0 (b3, b2) : Block protect
Bit BP1 and BP0 are composed of the nonvolatile bit. The area size of Software Protect against WRITE instruction
is defined by them. Rewriting these bits is possible by the WRSR instruction. To protect the memory area against
the WRITE instruction, set either or both of bit BP1 and BP0 to “1”. Rewriting bit BP1 and BP0 is possible unless
they are in Hardware Protect mode. Refer to “ Protect Operation” for details of “Block Protect”.
1. 3 WEL (b1) : Write enable latch
Bit WEL shows the status of internal Write Enable Latch. Bit WEL is set by the WREN instruction only. If bit WEL is
“1”, this is the status that Write Enable Latch is set. If bit WEL is “0”, Write Enable Latch is in reset, so that the S-
25C080A does not receive the WRITE or WRSR instruction. Bit WEL is reset after these operations;
• The power supply voltage is dropping
• Power-on
• After performing WRDI
• After the Write operation by the WRSR instruction
• After the Write operation by the WRITE instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com