Electronic Components Datasheet Search
  English  ▼

X  

S25C080A Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S25C080A
Description  105C OPERATION
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S25C080A Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S25C080A Datasheet HTML 1Page - Seiko Instruments Inc S25C080A Datasheet HTML 2Page - Seiko Instruments Inc S25C080A Datasheet HTML 3Page - Seiko Instruments Inc S25C080A Datasheet HTML 4Page - Seiko Instruments Inc S25C080A Datasheet HTML 5Page - Seiko Instruments Inc S25C080A Datasheet HTML 6Page - Seiko Instruments Inc S25C080A Datasheet HTML 7Page - Seiko Instruments Inc S25C080A Datasheet HTML 8Page - Seiko Instruments Inc S25C080A Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
S-25C080A H Series
www.sii-ic.com
105°C OPERATION
SPI SERIAL E2PROM FOR AUTOMOTIVE
© Seiko Instruments Inc., 2010-2015
Rev.2.3_00_C
Seiko Instruments Inc.
1
The S-25C080A H series devices are high-temperature operation SPI serial E
2PROMs for automotive components. The S-
25C080A H series has the capacity of 8 K-bit and the organization is 1024 words
× 8-bit. Page write and sequential read are
available.
Caution Before using the product in automobile control unit or medical equipment, contact to SII is indispensable.
Features
• Operating voltage range:
Read
2.5 V to 5.5 V
Write
2.5 V to 5.5 V
• Operation frequency:
6.5 MHz (4.5 V to 5.5 V)
• Write time:
4.0 ms max.
• SPI mode (0, 0) and (1, 1)
• Page write
32 bytes / page
• Sequential read
• Monitors write to the memory by a status register
• Write protect:
Software, Hardware
• Protect area:
25%, 50%, 100%
• Function to prevent malfunction by monitoring clock pulse
• Write protect function during the low power supply voltage
• CMOS schmitt input ( CS , SCK, SI, WP , HOLD )
• Endurance:
10
6cycles/word*1 (Ta = +85°C)
8
× 10
5 cycles/word*1 (Ta = +105°C)
• Data retention:
100 years (Ta =
+25°C)
50 years (Ta =
+105°C)
• Memory capacitance:
8 K-bit
• Initial delivery state:
FFh, SRWD = 0, BP1 = 0, BP0 = 0
• Operation temperature range:
Ta =
−40°C to +105°C
• Lead-free (Sn 100%), halogen-free
*2
• AEC-Q100 qualified
*3
*1. For each address (Word: 8-bit)
*2. Refer to “ Product Name Structure” for details.
*3. Contact our sales office for details.
Packages
• 8-Pin SOP (JEDEC)
• 8-Pin TSSOP


Similar Part No. - S25C080A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S25C080A-H SII-S25C080A-H Datasheet
1Mb / 31P
OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
More results

Similar Description - S25C080A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S24C16C SII-S24C16C Datasheet
488Kb / 35P
FOR AUTOMOTIVE 105C OPERATION
S24C08C SII-S24C08C Datasheet
500Kb / 35P
FOR AUTOMOTIVE 105C OPERATION
S25C010A SII-S25C010A Datasheet
408Kb / 33P
105C OPERATION
S93C46B SII-S93C46B Datasheet
474Kb / 34P
FOR AUTOMOTIVE 105C OPERATION
S93C76A SII-S93C76A Datasheet
418Kb / 28P
FOR AUTOMOTIVE 105C OPERATION
S93C86B SII-S93C86B Datasheet
381Kb / 28P
FOR AUTOMOTIVE 105C OPERATION
S35190A SII-S35190A Datasheet
733Kb / 51P
FOR AUTOMOTIVE 105C OPERATION
S35390A SII-S35390A Datasheet
711Kb / 51P
FOR AUTOMOTIVE 105C OPERATION
logo
Rohm
BR25A512-3M ROHM-BR25A512-3M Datasheet
837Kb / 32P
105C Operation SPI BUS EEPROM
BR24AXXX-WM ROHM-BR24AXXX-WM_18 Datasheet
2Mb / 32P
105C Operation I2C BUS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com