Electronic Components Datasheet Search
  English  ▼

X  

MAX5865E/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5865E/D
Description  Ultra-Low-Power, High-Dynamic- Performance, 40Msps Analog Front End
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5865E/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5865E/D Datasheet HTML 5Page - Maxim Integrated Products MAX5865E/D Datasheet HTML 6Page - Maxim Integrated Products MAX5865E/D Datasheet HTML 7Page - Maxim Integrated Products MAX5865E/D Datasheet HTML 8Page - Maxim Integrated Products MAX5865E/D Datasheet HTML 9Page - Maxim Integrated Products MAX5865E/D Datasheet HTML 10Page - Maxim Integrated Products MAX5865E/D Datasheet HTML 11Page - Maxim Integrated Products MAX5865E/D Datasheet HTML 12Page - Maxim Integrated Products MAX5865E/D Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Ultra-Low-Power, High-Dynamic-
Performance, 40Msps Analog Front End
_______________________________________________________________________________________
9
-80
-75
-70
-55
-60
-65
-50
22
24
28
32
26
30
34
36
38
40
ADC TOTAL HARMONIC DISTORTION
vs. SAMPLING RATE
SAMPLING RATE (MHz)
fIN = 10.0732MHz
50
55
60
75
70
65
80
22
24
28
32
26
30
34
36
38
40
ADC SPURIOUS-FREE DYNAMIC RANGE
vs. SAMPLING RATE
SAMPLING RATE (MHz)
fIN = 10.0732MHz
ADC SIGNAL-TO-NOISE RATIO
vs. CLOCK DUTY CYCLE
CLOCK DUTY CYCLE (%)
65
55
60
45
50
40
35
46
47
48
49
50
45
30
70
IA
fIN = 10.0732MHz
QA
ADC SIGNAL-TO-NOISE AND DISTORTION
RATIO vs. CLOCK DUTY CYCLE
CLOCK DUTY CYCLE (%)
65
55
60
50
45
40
35
46
47
48
49
50
45
30
70
fIN = 10.0732MHz
QA
IA
-80
-78
-74
-62
-66
-70
-76
-64
-68
-72
-60
30
40
50
60
70
ADC TOTAL HARMONIC DISTORTION
vs. CLOCK DUTY CYCLE
CLOCK DUTY CYCLE (%)
fIN = 10.0732MHz
50
55
65
75
60
70
80
30
40
50
60
70
ADC SPURIOUS-FREE DYNAMIC RANGE
vs. CLOCK DUTY CYCLE
CLOCK DUTY CYCLE (%)
fIN = 10.0732MHz
Typical Operating Characteristics (continued)
(VDD = DVDD = 3V, OVDD = 1.8V, internal reference (1.024V), CL
≈ 10pF on all digital outputs, fCLK = 40MHz 50% duty cycle, ADC
input amplitude = -0.5dBFS, DAC output amplitude = 0dBFS, differential ADC input, differential DAC output, CREFP = CREFN =
CCOM = 0.33µF, Xcvr mode, TA = +25
°C, unless otherwise noted.)
30
35
40
45
75
70
65
55
50
60
80
-24
-20
-16
-12
-8
-4
0
ADC SPURIOUS-FREE DYNAMIC RANGE
vs. ANALOG INPUT POWER
ANALOG INPUT POWER (dBFS)
fIN = 10.0732MHz
44
45
46
49
48
47
50
22
24
28
32
26
30
34
36
38
40
ADC SIGNAL-TO-NOISE RATIO
vs. SAMPLING RATE
SAMPLING RATE (MHz)
fIN = 10.0732MHz
QA
IA
45
46
47
49
48
50
22
24
28
32
26
30
34
36
38
40
ADC SIGNAL-TO-NOISE AND DISTORTION RATIO
vs. SAMPLING RATE
SAMPLING RATE (MHz)
fIN = 10.0732MHz
QA
IA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com