Electronic Components Datasheet Search
  English  ▼

X  

MAX5865E/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5865E/D
Description  Ultra-Low-Power, High-Dynamic- Performance, 40Msps Analog Front End
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5865E/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5865E/D Datasheet HTML 1Page - Maxim Integrated Products MAX5865E/D Datasheet HTML 2Page - Maxim Integrated Products MAX5865E/D Datasheet HTML 3Page - Maxim Integrated Products MAX5865E/D Datasheet HTML 4Page - Maxim Integrated Products MAX5865E/D Datasheet HTML 5Page - Maxim Integrated Products MAX5865E/D Datasheet HTML 6Page - Maxim Integrated Products MAX5865E/D Datasheet HTML 7Page - Maxim Integrated Products MAX5865E/D Datasheet HTML 8Page - Maxim Integrated Products MAX5865E/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Ultra-Low-Power, High-Dynamic-
Performance, 40Msps Analog Front End
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND, OVDD to OGND................................-0.3V to +3.3V
GND to OGND.......................................................-0.3V to +0.3V
IA+, IA-, QA+, QA-, ID+, ID-, QD+, QD-, REFP, REFN,
REFIN, COM to GND ..............................-0.3V to (VDD + 0.3V)
DD0–DD9, SCLK, DIN, CS, CLK,
DA0–DA7 to OGND .............................-0.3V to (OVDD + 0.3V)
Continuous Power Dissipation (TA = +70
°C)
48-Pin Thin QFN (derate 26.3mW/
°C above
+70
°C)..............................................................................2.1W
Thermal Resistance
θJA.................................................+38°C/W
Operating Temperature Range ...........................-40
°C to +85°C
Junction Temperature ......................................................+150
°C
Storage Temperature Range .............................-60
°C to +150°C
Lead Temperature (soldering, 10s) .................................+300
°C
ELECTRICAL CHARACTERISTICS
(VDD = 3V, OVDD = 1.8V, internal reference (1.024V), CL
≈ 10pF on all digital outputs, fCLK = 40MHz, ADC input amplitude = -0.5dBFS,
DAC output amplitude = 0dBFS, differential ADC input, differential DAC output, CREFP = CREFN = CCOM = 0.33µF, Xcvr mode, unless
otherwise noted. Typical values are at TA = +25
°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER REQUIREMENTS
Analog Supply Voltage
VDD
2.7
3.0
3.3
V
Output Supply Voltage
OVDD
1.8
VDD
V
ADC operating mode, fIN = 5.5MHz, fCLK =
40MHz, DAC operating mode, fOUT = 2.2MHz
25.2
32
ADC operating mode (Rx), fIN = 5.5MHz,
fCLK = 40MHz, DAC digital inputs at zero or
OVDD
21
DAC operating mode (Tx), fOUT = 2.2MHz,
fCLK = 40MHz, ADC off
12.8
Standby mode, DAC digital inputs and CLK
at zero or OVDD
2.0
Idle mode, DAC digital inputs at zero or
OVDD, fCLK = 40MHz
11
mA
VDD Supply Current
Shutdown mode, digital inputs and CLK at
zero or OVDD, CS = OVDD
1µA
ADC operating mode, fIN = 5.5MHz, fCLK =
40Msps, DAC operating mode, fOUT =
2.2MHz
3.8
mA
Idle mode, DAC digital inputs at zero or
OVDD, fCLK = 40MHz
37.4
OVDD Supply Current
Shutdown mode, DAC digital inputs and
CLK at zero or OVDD, CS = OVDD
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com