Electronic Components Datasheet Search
  English  ▼

X  

S801 Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S801
Description  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S801 Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S801 Datasheet HTML 17Page - Seiko Instruments Inc S801 Datasheet HTML 18Page - Seiko Instruments Inc S801 Datasheet HTML 19Page - Seiko Instruments Inc S801 Datasheet HTML 20Page - Seiko Instruments Inc S801 Datasheet HTML 21Page - Seiko Instruments Inc S801 Datasheet HTML 22Page - Seiko Instruments Inc S801 Datasheet HTML 23Page - Seiko Instruments Inc S801 Datasheet HTML 24Page - Seiko Instruments Inc S801 Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Rev.4.1_00
S-801 Series
Seiko Instruments Inc.
21
Typical Characteristics (Typical Data)
1. Detection Voltage (VDET) - Temperature (Ta)
S-80122AL
S-80160AL
2.1
2.2
2.3
2.4
−40 −20
0
20
40
60
80
100
Ta [°C]
VDET (
+)
VDET (
−)
5.8
6.0
6.2
6.4
−40 −20
0
20
40
60
80
100
Ta [°C)]
VDET (
+)
VDET (
−)
2. Hysteresis Voltage Width (VHYS) - Temperature (Ta)
S-80122AL
S-80160AL
30
40
50
60
70
80
90
100
−40 −20
0
20
40
60
80
100
Ta [°C]
30
40
50
60
70
80
90
100
−40 −20
0
20
40
60
80
100
Ta [°C]
3. Current Consumption (ISS) - Input Voltage (VDD)
(a) S-80122AL
(b) S-80129AL
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
2
4
6
8
10
VDD [V]
Ta
=25°C
2.9
μA
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
2
4
6
8
10
VDD [V]
Ta
=25°C
3.3
μA
(c) S-80130AL
(d) S-80160AL
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
2
4
6
8
10
VDD [V]
Ta
=25°C
5.0
μA
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
2
4
6
8
10
VDD [V]
Ta
=25°C
20
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com