Electronic Components Datasheet Search
  English  ▼

X  

S801 Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S801
Description  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S801 Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S801 Datasheet HTML 7Page - Seiko Instruments Inc S801 Datasheet HTML 8Page - Seiko Instruments Inc S801 Datasheet HTML 9Page - Seiko Instruments Inc S801 Datasheet HTML 10Page - Seiko Instruments Inc S801 Datasheet HTML 11Page - Seiko Instruments Inc S801 Datasheet HTML 12Page - Seiko Instruments Inc S801 Datasheet HTML 13Page - Seiko Instruments Inc S801 Datasheet HTML 14Page - Seiko Instruments Inc S801 Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Rev.4.1_00
S-801 Series
Seiko Instruments Inc.
11
Pin Configurations
SOT-23-5
Top view
5
4
3
2
1
Table 3
Pin No.
Pin name
Pin description
1
DS
*1
ON/OFF switch for delay time
2
VSS
GND pin
3
NC
*2
No connection
4
OUT
Voltage detection output pin
5
VDD
Voltage input pin
*1. Refer to “2. Delay Circuit” in “ Operation” for operation.
*2. The NC pin is electrically open.
The NC pin can be connected to VDD or VSS.
Figure 3
SNT-4A
Top view
1
4
2
3
Table 4
Pin No.
Pin name
Pin description
1
VSS
GND pin
2
DS
*1
ON/OFF switch for delay time
3
VDD
Voltage input pin
4
OUT
Voltage detection output pin
*1. Refer to “2. Delay Circuit” in “ Operation” for operation.
Figure 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com