Electronic Components Datasheet Search
  English  ▼

X  

S801 Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S801
Description  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S801 Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S801 Datasheet HTML 9Page - Seiko Instruments Inc S801 Datasheet HTML 10Page - Seiko Instruments Inc S801 Datasheet HTML 11Page - Seiko Instruments Inc S801 Datasheet HTML 12Page - Seiko Instruments Inc S801 Datasheet HTML 13Page - Seiko Instruments Inc S801 Datasheet HTML 14Page - Seiko Instruments Inc S801 Datasheet HTML 15Page - Seiko Instruments Inc S801 Datasheet HTML 16Page - Seiko Instruments Inc S801 Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Rev.4.1_00
S-801 Series
Seiko Instruments Inc.
13
Electrical Characteristics
Table 6
(Ta
=25 °C Unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
circuit
Detection voltage
*1
−VDET
—
−VDET(S)
×0.98
−VDET(S) −VDET(S)
×1.02
V
1
Hysteresis width
VHYS
—
30
60
100
mV
Current
consumption
ISS
VDD
=3.5 V
S-80122 to 26
—
1.3
3.3
μA
VDD
=4.5 V
S-80127 to 39
—
1.5
3.5
VDD
=6.5 V
S-80140 to 60
—
1.8
4.0
Operating voltage
VDD
—
0.95
—
10.0
V
Output current
IOUT
Output transistor,
Nch, VOUT
=0.5 V
VDD
=1.2 V
S-80122 to 60
0.75
1.5
—
mA
2
VDD
=2.4 V
S-80127 to 60
3.0
6.0
—
Only for CMOS output
products,
Output transistor,
Pch, VDD–VOUT
=0.5 V
VDD
=4.8 V
S-80122 to 39
1.0
2.0
—
VDD
=6.0 V
S-80140 to 54
1.25
2.5
—
VDD
=8.4 V
S-80155 to 60
1.5
3.0
—
Leakage current
ILEAK
Only for Nch open-drain output products,
Output transistor,
Nch, VDD
=10.0 V, VOUT=10.0 V
—
—
0.1
μA
Detection voltage
temperature
coefficient
*2
DET
DET
V
Ta
V
−
•
Δ
−
Δ
Ta
=−40 °C to +85 °C
—
±120
±360
ppm/
°C
1
Delay time 1
tD1
VDD
=−VDET+1 V, DS pin Low
S-801xxAx
32.5
50
72.5
ms
S-801xxBx
65
100
145
S-801xxCx
130
200
290
Delay time 2
tD2
VDD
=−VDET+1 V, DS pin High
110
220
330
μs
3
Input voltage
VSH
DS pin, VDD
=6.0 V
1.0
—
—
V
4
VSL
DS pin, VDD
=6.0 V
—
—
0.3
*1.
−VDET: Actual detection voltage value, −VDET(S): Specified detection voltage value (The center value of the
detection voltage range in Table 1 to 2.)
*2. Temperature change ratio for the detection voltage [mV/
°C] is calculated using the following equation.
[]
()
[]
[] 1000
C
ppm/
V
Ta
∆
V
∆
V
Typ.
V
C
mV/
Ta
∆
V
∆
DET
DET
DET(S)
DET
÷
°
−
−
×
−
=
°
−
•
3
*
2
*
*1
*1. Temperature change ratio of the detection voltage
*2. Specified detection voltage value
*3. Detection voltage temperature coefficient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com