| Electronic Components Datasheet Search |
|
S1002 Datasheet(PDF) 30 Page - Seiko Instruments Inc |
|
|
|||||||||||||||||||||||||||||
S1002 Datasheet(HTML) 30 Page - Seiko Instruments Inc |
|
30 / 39 page ![]() VOLTAGE DETECTOR WITH SENSE PIN S-1002 Series Rev.1.1_00 Seiko Instruments Inc. 30 Application Circuit Examples 1. Microcomputer reset circuits In microcomputers, when the power supply voltage is lower than the minimum operation voltage, an unspecified operation may be performed or the contents of the memory register may be lost. When power supply voltage returns to the normal level, the microcomputer needs to be initialized. Otherwise, the microcomputer may malfunction after that. Reset circuits to protect microcomputer in the event of current being momentarily switched off or lowered. Using the S-1002 Series which has the low minimum operation voltage, the high-accuracy detection voltage and the hysteresis width, reset circuits can be easily constructed as seen in Figure 35 and Figure 36. GND VDD VDD1 VDD VSS SENSE OUT Microcomputer GND VDD VDD1 VDD VSS SENSE OUT Microcomputer Figure 35 Example of Reset Circuit Figure 36 Example of Reset Circuit (Nch open-drain output product) (CMOS output product) Caution The above connection diagram and constant will not guarantee successful operation. Perform thorough evaluation using the actual application to set the constant. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |