Electronic Components Datasheet Search
  English  ▼

X  

S1002 Datasheet(PDF) 14 Page - Seiko Instruments Inc

Part # S1002
Description  VOLTAGE DETECTOR WITH SENSE PIN
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1002 Datasheet(HTML) 14 Page - Seiko Instruments Inc

Back Button S1002 Datasheet HTML 10Page - Seiko Instruments Inc S1002 Datasheet HTML 11Page - Seiko Instruments Inc S1002 Datasheet HTML 12Page - Seiko Instruments Inc S1002 Datasheet HTML 13Page - Seiko Instruments Inc S1002 Datasheet HTML 14Page - Seiko Instruments Inc S1002 Datasheet HTML 15Page - Seiko Instruments Inc S1002 Datasheet HTML 16Page - Seiko Instruments Inc S1002 Datasheet HTML 17Page - Seiko Instruments Inc S1002 Datasheet HTML 18Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
VOLTAGE DETECTOR WITH SENSE PIN
S-1002 Series
Rev.1.1_00
Seiko Instruments Inc.
14
Explanation of Terms
1. Detection voltage (
−VDET)
The detection voltage is a voltage at which the output in Figure 18 or Figure 19 turns to "L". The detection voltage
varies slightly among products of the same specification. The variation of detection voltage between the specified
minimum (
−VDET min.) and the maximum (−VDET max.) is called the detection voltage range (Refer to Figure 16).
Example: In the S-1002Cx18, the detection voltage is either one in the range of 1.778 V
≤ −VDET ≤ 1.822 V.
This means that some S-1002Cx18 have
−VDET = 1.778 V and some have −VDET = 1.822 V.
2. Release voltage (
+VDET)
The release voltage is a voltage at which the output in Figure 18 or Figure 19 turns to "H". The release voltage
varies slightly among products of the same specification. The variation of release voltage between the specified
minimum (
+VDET min.) and the maximum (+VDET max.) is called the release voltage range (Refer to Figure 17). The
range is calculated from the actual detection voltage (
−VDET) of a product and is in the range of −VDET × 1.03 ≤
+VDET ≤ −VDET × 1.07.
Example: For the S-1002Cx18, the release voltage is either one in the range of 1.832 V
≤ +VDET ≤ 1.949 V.
This means that some S-1002Cx18 have
+VDET = 1.832 V and some have +VDET = 1.949 V.
VSENSE
−VDET min.
−VDET max.
VOUT
tDET
Detection voltage
Detection voltage
range
VSENSE
+VDET min.
+VDET max.
VOUT
Release voltage
range
tRESET
Release voltage
Figure 16 Detection Voltage
Figure 17 Release Voltage
VDD
VDD
VSS
OUT
R
100 k
Ω
V
SENSE
V
+
+
VDD
VDD
VSS
OUT
V
SENSE
V
+
+
Figure 18 Test Circuit of Detection Voltage
Figure 19 Test Circuit of Detection Voltage
and Release Voltage
and Release Voltage
(Nch open-drain output product)
(CMOS output product)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com