Electronic Components Datasheet Search
  English  ▼

X  

S5841 Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S5841
Description  TEMPERATURE SWITCH IC (THERMOSTAT IC)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S5841 Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S5841 Datasheet HTML 3Page - Seiko Instruments Inc S5841 Datasheet HTML 4Page - Seiko Instruments Inc S5841 Datasheet HTML 5Page - Seiko Instruments Inc S5841 Datasheet HTML 6Page - Seiko Instruments Inc S5841 Datasheet HTML 7Page - Seiko Instruments Inc S5841 Datasheet HTML 8Page - Seiko Instruments Inc S5841 Datasheet HTML 9Page - Seiko Instruments Inc S5841 Datasheet HTML 10Page - Seiko Instruments Inc S5841 Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
TEMPERATURE SWITCH IC (THERMOSTAT IC)
Rev.2.2_00
S-5841 Series
Seiko Instruments Inc.
7
Absolute Maximum Ratings
Table 6
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Absolute Maximum Rating
Unit
Power supply voltage (VSS = 0 V)
VDD
VSS
+ 12
V
Pin voltage
VRT, VHYS1, VHYS2
VSS
− 0.3 to VDD + 0.3
V
Output voltage
CMOS output product
VDET
VSS
− 0.3 to VDD + 0.3
V
Nch open drain product
VSS
− 0.3 to VSS + 12.0
V
Power dissipation
SOT-23-5
PD
600
*1
mW
SNT-6A
400
1*
mW
Operating ambient temperature
Topr
−40 to +125
°C
Storage temperature
Tstg
−55 to +150
°C
*1. When mounted on board
[Mounted board]
(1) Board size :
114.3 mm
× 76.2 mm × t1.6 mm
(2) Board name :
JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com