Electronic Components Datasheet Search
  English  ▼

X  

S5841 Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S5841
Description  TEMPERATURE SWITCH IC (THERMOSTAT IC)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S5841 Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S5841 Datasheet HTML 6Page - Seiko Instruments Inc S5841 Datasheet HTML 7Page - Seiko Instruments Inc S5841 Datasheet HTML 8Page - Seiko Instruments Inc S5841 Datasheet HTML 9Page - Seiko Instruments Inc S5841 Datasheet HTML 10Page - Seiko Instruments Inc S5841 Datasheet HTML 11Page - Seiko Instruments Inc S5841 Datasheet HTML 12Page - Seiko Instruments Inc S5841 Datasheet HTML 13Page - Seiko Instruments Inc S5841 Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
TEMPERATURE SWITCH IC (THERMOSTAT IC)
S-5841 Series
Rev.2.2_00
Seiko Instruments Inc.
10
2. Nch open drain output
2. 1 SOT-23-5
Table 9
(Ta =
+25°C, unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
circuit
Power supply voltage
*1
VDD
TDET =
+55°C to +100°C
2.2
−
10.0
V
1
TDET =
+40°C to +54°C
2.6
−
10.0
V
1
Detection temperature
+TD
−
TDET
− 2.5 TDET TDET + 2.5
°C
1
Hysteresis of detection
temperature
*2
THYS
Hysteresis option
HYS1
−
−
−
−
−
A
"H"
−
2
−
°C
1
"L"
−
10
−
°C
1
B
"H"
−
4
−
°C
1
"L"
−
10
−
°C
1
Output current
IDETL
VDET = 0.4 V, VDD = 3.0 V
0.5
2.3
−
mA
2
Leakage current
ILEAK
VDET = 10.0 V, VDD = 3.0 V
−
−
100
nA
2
Current consumption
during operation
IDD
VDD = 3.0 V
−
10
20
μA
1
HYS1 pin input voltage "H"
VIH1
−
0.8
× VDD
−
−
V
3
HYS1 pin input voltage "L"
VIL1
−
−
−
0.2
× VDD
V
3
HYS1 pin input current "H"
IIH1
VDD = 3.0 V, VHYS1 = 3.0 V
−0.1
−
0.1
μA
3
HYS1 pin input current "L"
IIL1
VDD = 3.0 V, VHYS1 = 0 V
−0.1
−
0.1
μA
3
*1.
The minimum operation voltages are as follows under the operation ambient temperature over
+100°C.
VDD = 2.3 V min. (Detection temperature =
+55°C to +100°C)
VDD = 2.7 V min. (Detection temperature =
+40°C to +54°C)
*2.
The hysteresis temperature can be set by the HYS1 pin.
These two types are selectable by option.
Hysteresis option A: 2
°C of hysteresis temperature during HYS1 = "H",
10
°C of hysteresis temperature during HYS1 = "L"
Hysteresis option B: 4
°C of hysteresis temperature during HYS1 = "H",
10
°C of hysteresis temperature during HYS1 = "L"
[Fahrenheit
⇔ Celsius Conversion equation]
°C = (°F − 32) × 5 / 9
°F = 32 + °C × 9 / 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com