Electronic Components Datasheet Search
  English  ▼

X  

S5841 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S5841
Description  TEMPERATURE SWITCH IC (THERMOSTAT IC)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S5841 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S5841 Datasheet HTML 1Page - Seiko Instruments Inc S5841 Datasheet HTML 2Page - Seiko Instruments Inc S5841 Datasheet HTML 3Page - Seiko Instruments Inc S5841 Datasheet HTML 4Page - Seiko Instruments Inc S5841 Datasheet HTML 5Page - Seiko Instruments Inc S5841 Datasheet HTML 6Page - Seiko Instruments Inc S5841 Datasheet HTML 7Page - Seiko Instruments Inc S5841 Datasheet HTML 8Page - Seiko Instruments Inc S5841 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
S-5841 Series
www.sii-ic.com
TEMPERATURE SWITCH IC (THERMOSTAT IC)
© Seiko Instruments Inc., 2007-2015
Rev.2.2_00
Seiko Instruments Inc.
1
The S-5841 Series is a temperature switch IC (thermostat IC) which detects the temperature with a temperature accuracy of
±2.5°C. The output inverts when temperature reaches the detection temperature. The S-5841 Series restores the output
voltage when the temperature drops to the level of release temperature.
The S-5841 Series operates at the lower power supply voltage of 2.2 V and its current consumption is 10
μA typ. due to
CMOS configuration.
A temperature sensor with the negative temperature coefficient, a reference voltage generation circuit, a comparator and a
delay circuit are integrated on one chip, and enclosed into the packages SOT-23-5 and SNT-6A.
Features
•
Detection temperature:
TDET =
+40°C to +100°C, +1°C step, detection accuracy: ±2.5°C
•
Low voltage operation:
VDD = 2.2 V min.
(Detection temperature =
+55°C to +100°C, Ta = −40°C to +100°C)
•
Low current consumption:
IDD = 10
μA typ. (Ta = +25°C)
•
Hysteresis temperature can be switched in 0
°C, 2°C, 4°C and 10°C.
•
Selectable output logic in active "H" or "L"
•
Selectable output form in CMOS or Nch open drain
•
Operation temperature range:
Ta =
−40°C to +125°C
•
Lead-free, Sn 100%, halogen-free
*1
*1. Refer to " Product Name Structure" for details.
Applications
•
Fan control
•
Air conditioning system
•
Various electronic devices
Packages
•
SOT-23-5
•
SNT-6A


Similar Part No. - S5841

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S5840B SII-S5840B Datasheet
179Kb / 15P
TEMPERATURE SWITCH IC (THERMOSTAT IC) WITH LATCH
S5842A SII-S5842A Datasheet
686Kb / 31P
DUAL TRIP TEMPERATURE SWITCH IC
S5843A SII-S5843A Datasheet
478Kb / 21P
TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5844A SII-S5844A Datasheet
629Kb / 28P
TEMPERATURE SWITCH IC (THERMOSTAT IC)
More results

Similar Description - S5841

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11052 TOKO-TK11052 Datasheet
124Kb / 12P
THERMOSTAT IC
logo
Rohm
BDEXXX0G ROHM-BDEXXX0G Datasheet
265Kb / 9P
Detect TemperatureChangeable Thermostat Output Temperature Sensor IC
logo
Seiko Instruments Inc
S5840B SII-S5840B Datasheet
179Kb / 15P
TEMPERATURE SWITCH IC (THERMOSTAT IC) WITH LATCH
S5843A SII-S5843A Datasheet
478Kb / 21P
TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5844A SII-S5844A Datasheet
629Kb / 28P
TEMPERATURE SWITCH IC (THERMOSTAT IC)
S-5841A55D-M5T1X SII-S-5841A55D-M5T1X Datasheet
1Mb / 26P
TEMPERATURE SWITCH IC
S-5843AC0DC-M5T1Y SII-S-5843AC0DC-M5T1Y Datasheet
1Mb / 21P
TEMPERATURE SWITCH IC
logo
Rohm
BDJ0600AHFV ROHM-BDJ0600AHFV Datasheet
1Mb / 16P
Temperature Sensor IC Low Current Thermostat Output
BDJ0700AHFV ROHM-BDJ0700AHFV Datasheet
1Mb / 16P
Temperature Sensor IC Low Current Thermostat Output
BDJ0800AHFV ROHM-BDJ0800AHFV Datasheet
1Mb / 16P
Temperature Sensor IC Low Current Thermostat Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com