Electronic Components Datasheet Search
  English  ▼

X  

MAX608C/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX608C/D
Description  5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX608C/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX608C/D Datasheet HTML 1Page - Maxim Integrated Products MAX608C/D Datasheet HTML 2Page - Maxim Integrated Products MAX608C/D Datasheet HTML 3Page - Maxim Integrated Products MAX608C/D Datasheet HTML 4Page - Maxim Integrated Products MAX608C/D Datasheet HTML 5Page - Maxim Integrated Products MAX608C/D Datasheet HTML 6Page - Maxim Integrated Products MAX608C/D Datasheet HTML 7Page - Maxim Integrated Products MAX608C/D Datasheet HTML 8Page - Maxim Integrated Products MAX608C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
5V or Adjustable, Low-Voltage,
Step-Up DC-DC Controller
_______________________________________________________________________________________
3
0
50
100
150
200
SUPPLY CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
01
23
4
5
60
1
10
100
1000
EFFICIENCY vs. LOAD CURRENT
(VOUT = 12V)
70
80
90
100
LOAD CURRENT (mA)
VIN = 6.0V
VIN = 5.0V
VIN = 3.0V
VIN = 9.0V
VIN = 2.0V
60
1
10
100
1000
EFFICIENCY vs. LOAD CURRENT
(VOUT = 3.3V)
70
80
90
100
LOAD CURRENT (mA)
VIN = 2.0V
VIN = 3.0V
60
1
10
100
1000
EFFICIENCY vs. LOAD CURRENT
(VOUT = 5V)
70
80
90
100
LOAD CURRENT (mA)
VIN = 4.0V
VIN = 3.5V
VIN = 3.0V
VIN = 2.0V
0
700
600
500
400
300
200
100
LOAD CURRENT vs.
MINIMUM START-UP
INPUT VOLTAGE
MINIMUM START-UP VOLTAGE (V)
1.8
2.2
2.6
3.0
3.4
3.8
4.0
VOUT = 5V
CIRCUIT OF FIGURE 2a
EXTERNAL FET THRESHOLD LIMITS
FULL-LOAD START-UP BELOW 3.7V
0
500
400
300
200
100
LOAD CURRENT vs.
MINIMUM START-UP
INPUT VOLTAGE
MINIMUM START-UP VOLTAGE (V)
VOUT = 12V
CIRCUIT OF FIGURE 2b
EXTERNAL FET THRESHOLD LIMITS
FULL-LOAD START-UP BELOW 3.6V
1.8
2.2
2.6
3.0
3.4
3.8
4.0
ELECTRICAL CHARACTERISTICS (continued)
(VOUT = 5V, ILOAD = 0mA, TA = -40°C to +85°C where indicated. TA = -25°C to +85°C for all other limits. Typical values are at
TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Current-Limit Trip Level
VCS
VOUT = 3V to 16.5V
85
100
115
mV
CS Input Current
ICS
0.01
±1
µA
EXT Rise Time
VOUT = 5V, 1nF from EXT to GND
50
ns
EXT Fall Time
VOUT = 5V, 1nF from EXT to GND
50
Note 1: Limits over this temperature range are guaranteed by design.
Note 2: The MAX608 must be operated in bootstrapped mode with OUT connected to the DC-DC circuit output. The minimum output
voltage set point is +3V.
Note 3: Output voltage guaranteed using preset voltages. See Figures 4a–4d for output current capability versus input voltage.
Note 4: Output voltage line and load regulation depend on external circuit components.
Note 5: Operation in the external-feedback mode is guaranteed to be accurate to the VFB trip level, and does not include resistor tolerance.
80
120
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
TA = -40°C to +85°C (Note 1)
EXT On-Resistance
EXT = high or low
15
30
Ω
TA = -25°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com