Electronic Components Datasheet Search
  English  ▼

X  

MAX608C/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX608C/D
Description  5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX608C/D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX608C/D Datasheet HTML 3Page - Maxim Integrated Products MAX608C/D Datasheet HTML 4Page - Maxim Integrated Products MAX608C/D Datasheet HTML 5Page - Maxim Integrated Products MAX608C/D Datasheet HTML 6Page - Maxim Integrated Products MAX608C/D Datasheet HTML 7Page - Maxim Integrated Products MAX608C/D Datasheet HTML 8Page - Maxim Integrated Products MAX608C/D Datasheet HTML 9Page - Maxim Integrated Products MAX608C/D Datasheet HTML 10Page - Maxim Integrated Products MAX608C/D Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
5V or Adjustable, Low-Voltage,
Step-Up DC-DC Controller
_______________________________________________________________________________________
7
_______________Detailed Description
The MAX608 is a BiCMOS, step-up, switch-mode pow-
er-supply controller that provides a preset 5V output, in
addition to adjustable-output operation. Its unique con-
trol scheme combines the advantages of pulse-frequen-
cy modulation (low supply current) and pulse-width
modulation (high efficiency with heavy loads), providing
high efficiency over a wide output current range, as well
as increased output current capability over previous
PFM devices. In addition, the external sense resistor
and power transistor allow the user to tailor the output
current capability for each application. Figure 1 shows
the MAX608 functional diagram. The device has a shut-
down mode that reduces the supply current to 5µA
max.
Figure 2 shows the standard application circuits. The
IC is powered from the output, and the input voltage
range is 1.8V to VOUT (this configuration is commonly
known as bootstrap operation). The voltage applied to
the gate of the external power transistor is switched
from VOUT to ground.
The MAX608’s output voltage can be set to 5V by con-
necting FB to ground; it can also be adjusted from 3V
to 16.5V using external resistors. Use 1% external feed-
back resistors when operating in adjustable-output
mode (Figures 2b, 2c) to achieve an overall output volt-
age accuracy of ±5%.
PFM Control Scheme
The MAX608 uses a proprietary current-limited PFM con-
trol scheme to provide high efficiency over a wide range
of load currents. This control scheme combines the ultra-
low supply current of PFM converters (or pulse skippers)
with the high full-load efficiency of PWM converters.
Figure 2a. 5V Preset Output
Figure 2b. 12V Output
Figure 2c. 3.3V Output
MAX608
REF
SHDN
AGND
GND
N
7
EXT
CS
FB
C1
150
µF
L1
22
µH
D1
1N5817
R1
58k
C4
200
µF
C3
0.1
µF
5
4
6
1
8
3
2
OUT
VOUT = 12V
@ 0.3A
R2
402k
RSENSE
50m
Ω
C2
0.1
µF
VOUT
VREF
R2 = (R1)
(
-1
)
VREF = 1.5V
MMFT3055EL
VIN = 2V
MAX608
REF
SHDN
AGND
GND
N
7
EXT
CS
FB
C1
150
µF
L1
22
µH
D1
1N5817
R1
50k
C4
200
µF
C5
47pF
C3
0.1
µF
5
4
6
1
8
3
2
OUT
VOUT = 3.3V
@ 0.6A
R2
60k
RSENSE
50m
Ω
C2
0.1
µF
VOUT
VREF
R2 = (R1)
(
-1
)
VREF = 1.5V
SI6426
VIN = 2V
MAX608
VIN = 2V
REF
SHDN
FB
AGND
GND
N
7
EXT
CS
C2
0.1
µF
C1
150
µF
L1
22
µH
D1
1N5817
MMFT3055EL
RSENSE
50m
Ω
C4
200
µF
C3
0.1
µF
5
4
3
6
1
8
2
OUT
VOUT = 5V
@ 0.5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com