Electronic Components Datasheet Search
  English  ▼

X  

MAX608C/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX608C/D
Description  5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX608C/D Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX608C/D Datasheet HTML 2Page - Maxim Integrated Products MAX608C/D Datasheet HTML 3Page - Maxim Integrated Products MAX608C/D Datasheet HTML 4Page - Maxim Integrated Products MAX608C/D Datasheet HTML 5Page - Maxim Integrated Products MAX608C/D Datasheet HTML 6Page - Maxim Integrated Products MAX608C/D Datasheet HTML 7Page - Maxim Integrated Products MAX608C/D Datasheet HTML 8Page - Maxim Integrated Products MAX608C/D Datasheet HTML 9Page - Maxim Integrated Products MAX608C/D Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
5V or Adjustable, Low-Voltage,
Step-Up DC-DC Controller
6
_______________________________________________________________________________________
______________________________________________________________Pin Description
PIN
NAME
FUNCTION
1
EXT
Gate Drive for External N-Channel Power Transistor
2
OUT
3
FB
4
SHDN
5
REF
6
AGND
Analog Ground
7
GND
High-Current Ground Return for the Output Driver
8
CS
Power-Supply and Voltage-Sense Input. Always connect OUT to circuit output.
Feedback Input for Adjustable-Output Operation. Connect to ground for fixed-output operation.
Use a resistor divider network to adjust the output voltage. See
Setting the Output Voltage section.
Active-High TTL/CMOS Logic-Level Shutdown Input. In shutdown mode, VOUT is a diode drop
below the input voltage (due to the DC path from the input voltage to the output). Connect to
ground for normal operation.
1.5V Reference Output that can source 100
µA for external loads. Bypass to GND with 0.1µF.
The reference is disabled in shutdown.
Positive Input to the Current-Sense Amplifier. Connect the current-sense resistor between CS
and AGND.
1.5V
REFERENCE
Q
TRIG
Q
S
F/F
R
Q
TRIG
LOW-VOLTAGE
OSCILLATOR
2.5V
0.1V
MAX ON-TIME
ONE-SHOT
MIN OFF-TIME
ONE-SHOT
CURRENT-SENSE
AMPLIFIER
DUAL-MODE
COMPARATOR
FB
REF
50mV
ERROR
COMPARATOR
SHDN
OUT
LOW-VOLTAGE
START-UP
COMPARATOR
EXT
CS
BIAS
CIRCUITRY
N
MAX608
2.3
µs
16
µs
Figure 1. Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com