Electronic Components Datasheet Search
  English  ▼

X  

ISO7142CCDBQ Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7142CCDBQ
Description  VPK Small-Footprint and Low-Power Quad Channel Digital Isolator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7142CCDBQ Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO7142CCDBQ Datasheet HTML 3Page - Texas Instruments ISO7142CCDBQ Datasheet HTML 4Page - Texas Instruments ISO7142CCDBQ Datasheet HTML 5Page - Texas Instruments ISO7142CCDBQ Datasheet HTML 6Page - Texas Instruments ISO7142CCDBQ Datasheet HTML 7Page - Texas Instruments ISO7142CCDBQ Datasheet HTML 8Page - Texas Instruments ISO7142CCDBQ Datasheet HTML 9Page - Texas Instruments ISO7142CCDBQ Datasheet HTML 10Page - Texas Instruments ISO7142CCDBQ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
ISO7142CC
www.ti.com
SLLSEF1B – SEPTEMBER 2013 – REVISED AUGUST 2015
6.11 Switching Characteristics, 2.7 V
VCC1 and VCC2 at 2.7 V (over recommended operating conditions unless otherwise noted.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
tPLH, tPHL Propagation delay time
See Figure 8
18
28
50
ns
PWD(1)
Pulse width distortion |tPHL – tPLH|
See Figure 8
3
ns
Same-direction
3
ns
Channels
tsk(o)
(2)
Channel-to-channel output skew time
Opposite-direction
8.5
ns
Channels
tsk(pp)
(3)
Part-to-part skew time
24
ns
tr
Output signal rise time
See Figure 8
3.5
ns
tf
Output signal fall time
See Figure 8
2.8
ns
tPHZ, tPLZ Disable propagation delay, from high/low to high-impedance output
See Figure 9
10
15
ns
tPZH
Enable propagation delay, from high-impedance to high output
See Figure 9
10
19
ns
tPZL
Enable propagation delay, from high-impedance to low output
See Figure 9
12
23
us
tfs
Fail-safe output delay time from input data or power loss
See Figure 10
7
μs
tGR
Input glitch rejection time
12
ns
(1)
Also known as pulse skew
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals, and loads.
6.12 Supply Current, 5 V
VCC1 and VCC2 at 5 V ± 10% (over recommended operating conditions unless otherwise noted.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC1, ICC2
Disable
EN1 = EN2 = 0 V
0.8
1.6
ICC1 , ICC2
DC to 1 Mbps
3.3
5
DC Signal: VI = VCCI or 0 V,
ICC1, ICC2
10 Mbps
4.9
7
mA
AC Signal: All channels switching with square wave
ICC1, ICC2
25 Mbps
7.3
10
clock input; CL = 15 pF
ICC1, ICC2
50 Mbps
11.1
14.5
6.13 Supply Current, 3.3 V
VCC1 and VCC2 at 3.3 V ± 10% (over recommended operating conditions unless otherwise noted.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC1, ICC2
Disable
EN1 = EN2 = 0 V
0.5
1
ICC1, ICC2
DC to 1 Mbps
2.5
4
DC signal: VI = VCCI or 0 V
ICC1, ICC2
10 Mbps
3.5
5
mA
AC signal: All channels switching with square-wave
ICC1, ICC2
25 Mbps
5
7
clock input; CL = 15 pF
ICC1, ICC2
40 Mbps
6.5
10
6.14 Supply Current, 2.7 V
VCC1 and VCC2 at 2.7 V (over recommended operating conditions unless otherwise noted.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC1, ICC2
Disable
EN1 = EN2 = 0 V
0.4
0.8
ICC1, ICC2
DC to 1 Mbps
2.2
3.5
DC signal: VI = VCCI or 0 V
ICC1, ICC2
10 Mbps
3
4.2
mA
AC signal: All channels switching with square-wave
ICC1, ICC2
25 Mbps
4.2
5.5
clock input; CL = 15 pF
ICC1, ICC2
40 Mbps
5.4
7.5
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ISO7142CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com